Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-5589 Datasheet (PDF) - Stanford Microdevices

SGA-5589 Datasheet PDF - Stanford Microdevices
Part # SGA-5589
Download  SGA-5589 Download
File Size   355.36 Kbytes
Page   7 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block

SGA-5589 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGA-5589 Datasheet PDF - Stanford Microdevices

Part # SGA-5589
Download  SGA-5589 Click to download

File Size   355.36 Kbytes
Page   7 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block

SGA-5589 Datasheet (HTML) - Stanford Microdevices


SGA-5589 Product details

Product Description
Stanford Microdevices’ SGA-5589 is a high performance cascadeable 50-ohm amplifier designed for operation at voltages as low as 3.9V. This RFIC uses the latest Silicon Germanium Heterostructure Bipolar Transistor (SiGe HBT) process featuring 1 micron emitters with FT up to 50 GHz.

Product Features
• DC-4000 MHz Operation
• Single Voltage Supply
• High Output Intercept: +33 dBm typ. at 850 MHz
• Low Current Draw: 60mA at 3.9V typ.
• Low Noise Figure: 3dB typ. at 850 MHz

Applications
• Oscillator Amplifiers
• PA for Low Power Applications
• IF/ RF Buffer Amplifier
• Drivers for CATV Amplifiers




Similar Part No. - SGA-5589

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-5589 SIRENZA-SGA-5589 Datasheet
86Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5589Z SIRENZA-SGA-5589Z Datasheet
86Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Similar Description - SGA-5589

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGA-4586 ETC-SGA-4586 Datasheet
671Kb / 8P
DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-5489 ETC-SGA-5489 Datasheet
303Kb / 8P
DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 ETC-SGA-1263 Datasheet
331Kb / 7P
DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-6589 ETC-SGA-6589 Datasheet
567Kb / 8P
DC 4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-2386 STANFORD-SGA-2386 Datasheet
230Kb / 7P
DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
SIRENZA MICRODEVICES
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-1263 SIRENZA-SGA-1263 Datasheet
331Kb / 7P
DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
Stanford Microdevices
SGA-1263 STANFORD-SGA-1263 Datasheet
248Kb / 7P
DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com