Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1520CT Datasheet (PDF) - Diode Semiconductor Korea

SR1520CT Datasheet PDF - Diode Semiconductor Korea
Part # SR1520CT
Download  SR1520CT Download
File Size   104.96 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description DUAL SCHOTTKY RECTIFIERS

SR1520CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SR1520CT Datasheet PDF - Diode Semiconductor Korea

Part # SR1520CT
Download  SR1520CT Click to download

File Size   104.96 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description DUAL SCHOTTKY RECTIFIERS

SR1520CT Datasheet (HTML) - Diode Semiconductor Korea


SR1520CT Product details

REVERSE VOLTAGE: 20 - 60 V
FORWARD CURRENT: 15 A

FEATURES
◇ Metal-Semiconductor junction with guard ring
◇ Epitaxial construction
◇ For use in low voltage,high frequency inverters free wheeling, and polarity protection applications
◇ Low forward voltage drop,low switching losses
◇ High surge capability
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - SR1520CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1520CT BILIN-SR1520CT Datasheet
94Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR1520CT LUGUANG-SR1520CT Datasheet
208Kb / 2P
Dual Schottky Rectifiers
More results


Similar Description - SR1520CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
DUAL SCHOTTKY RECTIFIERS
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
DUAL SCHOTTKY RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com