Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRM120E Datasheet (PDF) - ON Semiconductor

MBRM120E Datasheet PDF - ON Semiconductor
Part # MBRM120E
Download  MBRM120E Download
File Size   90.15 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier

MBRM120E Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRM120E Datasheet PDF - ON Semiconductor

Part # MBRM120E
Download  MBRM120E Click to download

File Size   90.15 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Surface Mount Schottky Power Rectifier

MBRM120E Datasheet (HTML) - ON Semiconductor


MBRM120E Product details

Surface Mount Schottky Power Rectifier
POWERMITE® Power Surface Mount Package

The Schottky Powermite employs the Schottky Barrier principle with a barrier metal and epitaxial construction that produces optimal forward voltage drop−reverse current tradeoff. The advanced packaging techniques provide for a highly efficient micro miniature, space saving surface mount Rectifier. With its unique heatsink design, the Powermite has the same thermal performance as the SMA while being 50% smaller in footprint area, and delivering one of the lowest height profiles, < 1.1 mm in the industry. Because of its small size, it is ideal for use in portable and battery powered products such as cellular and cordless phones, chargers, notebook computers, printers, PDAs and PCMCIA cards. Typical applications are AC−DC and DC−DC converters, reverse battery protection, and “Oring” of multiple supply voltages and any other application where performance and size are critical.

Features
• Low Profile − Maximum Height of 1.1 mm
• Small Footprint − Footprint Area of 8.45 mm2
• Low VF Provides Higher Efficiency and Extends Battery Life
• Supplied in 12 mm Tape and Reel
• Low Thermal Resistance with Direct Thermal Path of Die on Exposed Cathode Heat Sink
• Pb−Free Packages are Available




Similar Part No. - MBRM120E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRM120E ONSEMI-MBRM120E Datasheet
70Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 2
logo
Linear Technology
MBRM120E LINER-MBRM120E Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
ON Semiconductor
MBRM120ET1 ONSEMI-MBRM120ET1 Datasheet
70Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 2
MBRM120ET1G ONSEMI-MBRM120ET1G Datasheet
70Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 2
MBRM120ET1G ONSEMI-MBRM120ET1G Datasheet
180Kb / 6P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 3
More results


Similar Description - MBRM120E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com