Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP60N06 Datasheet (PDF) - ON Semiconductor

NTP60N06 Datasheet PDF - ON Semiconductor
Part # NTP60N06
Download  NTP60N06 Download
File Size   85.67 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 60 V, 60 A, N-Channel TO-220 and D2PAK

NTP60N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTP60N06 Datasheet PDF - ON Semiconductor

Part # NTP60N06
Download  NTP60N06 Click to download

File Size   85.67 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 60 V, 60 A, N-Channel TO-220 and D2PAK

NTP60N06 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTP60N06

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTP60N06 VBSEMI-NTP60N06 Datasheet
979Kb / 7P
N-Channel 60-V (D-S) MOSFET
NTP60N06G VBSEMI-NTP60N06G Datasheet
979Kb / 7P
N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTP60N06LG ONSEMI-NTP60N06LG Datasheet
94Kb / 8P
Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
More results


Similar Description - NTP60N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP27N06 ONSEMI-NTP27N06 Datasheet
83Kb / 12P
Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK
August, 2001 ??Rev. 2
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
logo
STMicroelectronics
STB45NF06 STMICROELECTRONICS-STB45NF06_10 Datasheet
362Kb / 15P
N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
July 2010
logo
ON Semiconductor
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
logo
STMicroelectronics
STB45NF06T4 STMICROELECTRONICS-STB45NF06T4 Datasheet
362Kb / 15P
N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
05-Jul-2010
logo
ON Semiconductor
NTP5426NG ONSEMI-NTP5426NG Datasheet
136Kb / 7P
Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2011 ??Rev. 1
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
NTP75N06 ONSEMI-NTP75N06_V01 Datasheet
176Kb / 9P
Power MOSFET 75 Amps, 60 Volts, N−Channel TO−220 and D2PAK
December, 2012 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com