Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS360.0N01-SE Datasheet (PDF) - Abracon Corporation

AFS360.0N01-SE Datasheet PDF - Abracon Corporation
Part # AFS360.0N01-SE
Download  AFS360.0N01-SE Download
File Size   1651.26 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 360.0MHz SAW FILTER

AFS360.0N01-SE Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS360.0N01-SE Datasheet PDF - Abracon Corporation

Part # AFS360.0N01-SE
Download  AFS360.0N01-SE Click to download

File Size   1651.26 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SMD 360.0MHz SAW FILTER

AFS360.0N01-SE Datasheet (HTML) - Abracon Corporation




Similar Part No. - AFS360.0N01-SE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS303.825E ABRACON-AFS303.825E Datasheet
117Kb / 1P
SMD 303.825MHz SAW FILTER
AFS315.0W01-TS3 ABRACON-AFS315.0W01-TS3 Datasheet
1Mb / 3P
AFS315.0W01-TS3 SMD 315.0MHz SAW Filter
08.11.11
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
SMD 315.0 MHz SAW FILTER
AFS374E ABRACON-AFS374E Datasheet
126Kb / 1P
SMD 374.0MHz SAW FILTER
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
More results


Similar Description - AFS360.0N01-SE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFS434S3 ETC-AFS434S3 Datasheet
105Kb / 1P
SMD 434.0MHz SAW FILTER
logo
Abracon Corporation
AFS1842.5W01-TS4 ABRACON-AFS1842.5W01-TS4 Datasheet
264Kb / 2P
SMD 1842.5MHz SAW FILTER
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
SMD 881.5MHz SAW FILTER
logo
ECS, Inc.
ECS-DSF400.0A-51 ECS-ECS-DSF400.0A-51 Datasheet
152Kb / 1P
SMD SAW FILTER
ECS-DSF947.5B-21 ECS-ECS-DSF947.5B-21 Datasheet
135Kb / 1P
SMD SAW FILTER
logo
Abracon Corporation
AB ABRACON-AB Datasheet
2Mb / 4P
SMD 869.0MHz SAW Filter
07.09.14
AFS1575.42W90-TS5 ABRACON-AFS1575.42W90-TS5 Datasheet
2Mb / 3P
SMD 1575.42MHz SAW Filter
08.23.11
AFS2140.0W01-TS4 ABRACON-AFS2140.0W01-TS4 Datasheet
1Mb / 3P
SMD 1575.42MHz SAW Filter
12.10.09
logo
Golledge Electronics Lt...
MP03637 GOLLEDGE-MP03637 Datasheet
102Kb / 6P
SAW Filter 360.0MHz
MA05176 GOLLEDGE-MA05176 Datasheet
347Kb / 7P
SAW Filter 360.0MHz
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com