Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS446.0W02-TD01 Datasheet (PDF) - Abracon Corporation

AFS446.0W02-TD01 Datasheet PDF - Abracon Corporation
Part # AFS446.0W02-TD01
Download  AFS446.0W02-TD01 Download
File Size   995.44 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 446MHz THROUGH-HOLE SAW FILTER

AFS446.0W02-TD01 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFS446.0W02-TD01 Datasheet PDF - Abracon Corporation

Part # AFS446.0W02-TD01
Download  AFS446.0W02-TD01 Click to download

File Size   995.44 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 446MHz THROUGH-HOLE SAW FILTER

AFS446.0W02-TD01 Datasheet (HTML) - Abracon Corporation




Similar Part No. - AFS446.0W02-TD01

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
Rack Mountable Power Shelves
AFS4000-3U2P ARTESYN-AFS4000-3U2P Datasheet
287Kb / 3P
Rack Mountable Power Shelves
logo
Abracon Corporation
AFS403.5W01-TS3 ABRACON-AFS403.5W01-TS3 Datasheet
109Kb / 1P
SMD 405.500 MHz SAW FILTER
AFS406.1W01-TS31 ABRACON-AFS406.1W01-TS31 Datasheet
199Kb / 3P
SURFACE MOUNT 406.1 MHz SAW FILTER
1.14.08
AFS418E ABRACON-AFS418E Datasheet
173Kb / 1P
CERAMIC SURFACE-MOUNT SAW FILTER
More results


Similar Description - AFS446.0W02-TD01

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206-208 CTS-206-208 Datasheet
336Kb / 4P
Multifunctional Through Hole Through Hole
logo
TAI-SAW TECHNOLOGY CO.,...
TA0381A TAI-SAW-TA0381A Datasheet
614Kb / 5P
SAW Filter 446MHz SMD 3.8횞3.8mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com