Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2XE Datasheet (PDF) - Dubilier

D2XE Datasheet PDF - Dubilier
Part # D2XE
Download  D2XE Download
File Size   219.17 Kbytes
Page   2 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description EMI X2 SUPPRESSION

D2XE Datasheet (PDF)

Go To PDF Page Download Datasheet
D2XE Datasheet PDF - Dubilier

Part # D2XE
Download  D2XE Click to download

File Size   219.17 Kbytes
Page   2 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description EMI X2 SUPPRESSION

D2XE Datasheet (HTML) - Dubilier




Similar Part No. - D2XE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2X OMRON-D2X Datasheet
355Kb / 6P
Detection Switch
D2X-C OMRON-D2X-C Datasheet
355Kb / 6P
Detection Switch
logo
PANDUIT CORP.
D2X2XLG6 PANDUIT-D2X2XLG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
D2X3LG6 PANDUIT-D2X3LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
D2X4LG6 PANDUIT-D2X4LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
More results


Similar Description - D2XE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
EMI Suppression Capacitors
B81130 EPCOS-B81130_04 Datasheet
164Kb / 6P
EMI suppression capacitors (MKP) X2 / 275 VAC
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
EMI Suppression Capacitors
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
EMI Suppression Filters
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
EMI Suppression Capacitors
logo
Fair-Rite Products Corp...
2673000101 FAIR-RITE-2673000101_18 Datasheet
1Mb / 2P
EMI Suppression Beads
2673000501 FAIR-RITE-2673000501_18 Datasheet
1Mb / 2P
EMI Suppression Beads
logo
Vishay Siliconix
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
Interference Suppression Film Capacitor - Class X2 Axial MKT 253 VAC - Continuous Across the Line
27-Jan-2021
20VL VISHAY-20VL Datasheet
143Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC
23-Jul-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com