Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S561633F Datasheet (PDF) - Samsung semiconductor

K4S561633F Datasheet PDF - Samsung semiconductor
Part # K4S561633F
Download  K4S561633F Download
File Size   114.03 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC

K4S561633F Datasheet (PDF)

Go To PDF Page Download Datasheet
K4S561633F Datasheet PDF - Samsung semiconductor

Part # K4S561633F
Download  K4S561633F Click to download

File Size   114.03 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC

K4S561633F Datasheet (HTML) - Samsung semiconductor


K4S561633F Product details

GENERAL DESCRIPTION
The K4S561633F is 268,435,456 bits synchronous high data rate Dynamic RAM organized as 4 x 4,196,304 words by 16 bits, fabricated with SAMSUNGs high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock and I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications.

FEATURES
• 3.0V & 3.3V power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
   -. CAS latency (1, 2 & 3).
   -. Burst length (1, 2, 4, 8 & Full page).
   -. Burst type (Sequential & Interleave).
• EMRS cycle with address key programs.
• All inputs are sampled at the positive going edge of the system clock
• Burst read single-bit write operation.
• Special Function Support.
   -. PASR (Partial Array Self Refresh).
   -. Internal TCSR (Temperature Compensated Self Refresh)
• DQM for masking.
• Auto refresh.
• 64ms refresh period (8K cycle).
• Commercial Temperature Operation (-25°C ~ 70°C).
• Extended Temperature Operation (-25°C ~ 85°C).
• 54Balls BOC with 0.8mm ball pitch
   ( -X : Leaded, -Z : Lead Free).




Similar Part No. - K4S561633F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S561633C-N SAMSUNG-K4S561633C-N Datasheet
59Kb / 8P
16Mx16 SDRAM 54CSP
K4S561633C-P1H SAMSUNG-K4S561633C-P1H Datasheet
59Kb / 8P
16Mx16 SDRAM 54CSP
K4S561633C-P1L SAMSUNG-K4S561633C-P1L Datasheet
59Kb / 8P
16Mx16 SDRAM 54CSP
K4S561633C-P75 SAMSUNG-K4S561633C-P75 Datasheet
59Kb / 8P
16Mx16 SDRAM 54CSP
K4S561633C-RBL SAMSUNG-K4S561633C-RBL Datasheet
59Kb / 8P
16Mx16 SDRAM 54CSP
More results


Similar Description - K4S561633F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51163PF-YF SAMSUNG-K4S51163PF-YF Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile-SDRAM
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163LF SAMSUNG-K4S56163LF Datasheet
114Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC
K4S511633F SAMSUNG-K4S511633F Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PG SAMSUNG-K4M56163PG Datasheet
115Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633C-RN SAMSUNG-K4M511633C-RN Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com