Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX8574D3BNL Datasheet (PDF) - Finisar Corporation.

FTLX8574D3BNL Datasheet PDF - Finisar Corporation.
Part # FTLX8574D3BNL
Download  FTLX8574D3BNL Download
File Size   547.35 Kbytes
Page   12 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver

FTLX8574D3BNL Datasheet (PDF)

Go To PDF Page Download Datasheet
FTLX8574D3BNL Datasheet PDF - Finisar Corporation.

Part # FTLX8574D3BNL
Download  FTLX8574D3BNL Click to download

File Size   547.35 Kbytes
Page   12 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver

FTLX8574D3BNL Datasheet (HTML) - Finisar Corporation.




Similar Part No. - FTLX8574D3BNL

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
FTLX8574D3BNL COHERENT-FTLX8574D3BNL Datasheet
702Kb / 13P
ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver
logo
ATGBICS by Approved Tec...
FTLX8574D3BNL-E5-C ATGBICS-FTLX8574D3BNL-E5-C Datasheet
355Kb / 10P
FTLX8574D3BNL-E5 Finisar Compatible Transceiver SFP 10GBase-SR/SW and OTU2e (850nm, MMF, 300m, DOM, Ext Temp)
More results


Similar Description - FTLX8574D3BNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX8511D3 FINISAR-FTLX8511D3 Datasheet
311Kb / 11P
RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTLX1371D3BCL FINISAR-FTLX1371D3BCL Datasheet
722Kb / 15P
RoHS-6 Compliant 10Gb/s 220m Multi Mode Datacom SFP Transceiver
FTLX8571D3BCL FINISAR-FTLX8571D3BCL Datasheet
682Kb / 12P
RoHS-6 Compliant 10Gb/s 850nm Multimode Datacom SFP Transceiver
FTLX8573D3BTL FINISAR-FTLX8573D3BTL Datasheet
650Kb / 12P
RoHS-6 Compliant Industrial Temperature 10Gb/s 850nm Multimode SFP Datacom Transceiver
FTLX8511D3BTL FINISAR-FTLX8511D3BTL Datasheet
255Kb / 11P
Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTLX8512D3BTL FINISAR-FTLX8512D3BTL Datasheet
293Kb / 11P
Industrial Temperature Range 10Gb/s 850nm Multimode Datacom XFP Optical Transceiver
FTLX8574D3BCL FINISAR-FTLX8574D3BCL Datasheet
793Kb / 12P
10Gb/s 850nmMultimode Datacom SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-SR3-01 PULSE-SFPPT-SR3-01 Datasheet
300Kb / 8P
10Gb/s 850nm Multi-mode SFP Transceiver
logo
Finisar Corporation.
FTLX1671D3BCL FINISAR-FTLX1671D3BCL Datasheet
472Kb / 11P
RoHS--6 Complliant 10Gb/s 40km Datacom SFP Transceiver
logo
Broadcom Corporation.
AFBR-703SDDZ BOARDCOM-AFBR-703SDDZ Datasheet
479Kb / 22P
10Gb/1Gb Ethernet, 850nm SFP Transceiver
More results




About Finisar Corporation.


Finisar Corporation is a company that designs, develops, manufactures, and markets optical communication products. It was founded in 1988 and is headquartered in Sunnyvale, California, United States.

The company's products include optical transceivers, active optical cables, optical engines, optical components, wavelength selective switches, and network performance test and monitoring systems. Finisar's products are used in a wide range of applications, including data communication and telecommunication networks, storage area networks, and high-performance computing.

In December 2018, Finisar was acquired by II-VI Incorporated, a global leader in engineered materials and optoelectronic components.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com