Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS280BR820 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DS280BR820 Datasheet PDF - Texas Instruments
Part # DS280BR820
Download  DS280BR820 Download
File Size   633.21 Kbytes
Page   8 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Low Power 28 Gbps 8 Channel Linear Repeater

DS280BR820 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS280BR820 Datasheet PDF - Texas Instruments

Part # DS280BR820
Download  DS280BR820 Click to download

File Size   633.21 Kbytes
Page   8 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Low Power 28 Gbps 8 Channel Linear Repeater

DS280BR820 Datasheet (HTML) - Texas Instruments




Similar Part No. - DS280BR820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR810ZBFR TI1-DS280BR810ZBFR Datasheet
890Kb / 11P
Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR810ZBFT TI1-DS280BR810ZBFT Datasheet
890Kb / 11P
Low Power 28 Gbps 8 Channel Linear Repeater
More results


Similar Description - DS280BR820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100KR800 TI1-DS100KR800 Datasheet
3Mb / 33P
Ultra Low Power, 8-Channel Repeater for Data-rates up to 10.3 Gbps
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS80PCI810 TI1-DS80PCI810 Datasheet
1Mb / 60P
Low-Power 8 Gbps 8-Channel Linear Repeater
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
Low Power 28 Gbps 8 Channel Linear Repeater
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com