Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAD-601X Datasheet (PDF) - List of Unclassifed Manufacturers

NAD-601X Datasheet PDF - List of Unclassifed Manufacturers
Part # NAD-601X
Download  NAD-601X Download
File Size   42.64 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 60W Open Frame Dual Output

NAD-601X Datasheet (PDF)

Go To PDF Page Download Datasheet
NAD-601X Datasheet PDF - List of Unclassifed Manufacturers

Part # NAD-601X
Download  NAD-601X Click to download

File Size   42.64 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 60W Open Frame Dual Output

NAD-601X Datasheet (HTML) - List of Unclassifed Manufacturers


NAD-601X Product details

[YCL]

Feature:
● 90 to 264Vac universal input range.
● Meet(Approval) UL/CUL, TUV.
● EMI/RFI meet VDE & FCC limit B.
● Low cost & compact size.
● 60Watts in127´76.2´36.5mm Size.
● 2 Year Warranty.




Similar Part No. - NAD-601X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-6001 ETC-NAD-6001 Datasheet
41Kb / 2P
60W Open Frame Single Output
NAD-6002 ETC-NAD-6002 Datasheet
41Kb / 2P
60W Open Frame Single Output
NAD-6005 ETC-NAD-6005 Datasheet
41Kb / 2P
60W Open Frame Single Output
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
60W Open Frame Single Output
More results


Similar Description - NAD-601X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
60W Open Frame Single Output
logo
Astrodyne Corporation
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
logo
FSP TECHNOLOGY INC.
FSP060-1S35-36 FSP-FSP060-1S35-36 Datasheet
132Kb / 1P
60W Open frame type power supply with 36V DC output
logo
Astrodyne Corporation
ASL60 ASTRODYNE-ASL60_16 Datasheet
700Kb / 4P
60W Ultraminiature Open Frame Switching Power Supplies
ASM60 ASTRODYNE-ASM60_16 Datasheet
655Kb / 5P
60W Ultraminiature Medical Open Frame Switching Power Supplies
logo
Vitec Power
SHFA60-SERIES Vitec-SHFA60-SERIES Datasheet
417Kb / 2P
60W Open-Frame Power Supply for Medical Equipment
STFA58-SERIES Vitec-STFA58-SERIES Datasheet
368Kb / 2P
60W Open Frame Power Supply for I.T. Equipment
SIFA58 Vitec-SIFA58 Datasheet
369Kb / 2P
60W Open Frame Power Supply for Industrial Equipment
logo
CINCON ELECTRONICS Corp...
CFM60M CINCON-CFM60M Datasheet
303Kb / 2P
60W MEDICAL OPEN FRAME AC-DC MODULES
logo
ETA-USA
ZMB-SX-W ETA-USA-ZMB-SX-W Datasheet
3Mb / 3P
60W Open Frame
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com