Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTK-25 Datasheet (PDF) - Cooper Bussmann, Inc.

KTK-25 Datasheet PDF - Cooper Bussmann, Inc.
Part # KTK-25
Download  KTK-25 Download
File Size   279.86 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses

KTK-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTK-25 Datasheet PDF - Cooper Bussmann, Inc.

Part # KTK-25
Download  KTK-25 Click to download

File Size   279.86 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses

KTK-25 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - KTK-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KTK-25 ETC2-KTK-25 Datasheet
59Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Eaton All Rights Reserv...
KTK-25 EATON-KTK-25 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results


Similar Description - KTK-25

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KLM-1 COOPER-KLM-1_15 Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
BBS-11 COOPER-BBS-11 Datasheet
376Kb / 2P
BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
BBS EATON-BBS Datasheet
376Kb / 2P
BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
KLM EATON-KLM Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com