Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5221BS-FL Datasheet (PDF) - Formosa MS

MMSZ5221BS-FL Datasheet PDF - Formosa MS
Part # MMSZ5221BS-FL
Download  MMSZ5221BS-FL Download
File Size   194.58 Kbytes
Page   9 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description SMD Zener Diode

MMSZ5221BS-FL Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5221BS-FL Datasheet PDF - Formosa MS

Part # MMSZ5221BS-FL
Download  MMSZ5221BS-FL Click to download

File Size   194.58 Kbytes
Page   9 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description SMD Zener Diode

MMSZ5221BS-FL Datasheet (HTML) - Formosa MS


MMSZ5221BS-FL Product details

200mW Surface Mount Zener
Diodes - 2.4V-75V

Features
• Wide Zener Voltage Range Selection, 2.4V to 75V.
• VZ Tolerance Selection of ±5%.
• Flat Lead SOD-323FL Plastic Package.
• Surface Device Type Mounting.
• Lead-free parts meet environmental standards of MIL-STD-19500 /228.
• Suffix "-H" indicates Halogen free parts, ex. MMSZ5221ΒS-FL-H.




Similar Part No. - MMSZ5221BS-FL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221BS-7-F DIODES-MMSZ5221BS-7-F Datasheet
456Kb / 4P
SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
logo
Pan Jit International I...
MMSZ5221BS-AU PANJIT-MMSZ5221BS-AU Datasheet
75Kb / 6P
SURFACE MOUNT SILICON ZENER DIODES
logo
Won-Top Electronics
MMSZ5221BS-T1 WTE-MMSZ5221BS-T1 Datasheet
75Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
More results


Similar Description - MMSZ5221BS-FL

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRF52C2 COMCHIP-CZRF52C2 Datasheet
244Kb / 4P
SMD Zener Diode
CZRA4728-G COMCHIP-CZRA4728-G Datasheet
96Kb / 3P
SMD Zener Diode
CZRER52C2-HF COMCHIP-CZRER52C2-HF Datasheet
271Kb / 6P
SMD Zener Diode
CZRFR2V4B-HF COMCHIP-CZRFR2V4B-HF Datasheet
136Kb / 5P
SMD Zener Diode
CZRU2V4B-HF COMCHIP-CZRU2V4B-HF Datasheet
137Kb / 5P
SMD Zener Diode
CZRUR52C2-HF COMCHIP-CZRUR52C2-HF Datasheet
161Kb / 6P
SMD Zener Diode
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
SMD Zener Diode
CZRL55C2V4-G COMCHIP-CZRL55C2V4-G Datasheet
434Kb / 6P
SMD Zener Diode
CZRQC52C2V4-HF COMCHIP-CZRQC52C2V4-HF Datasheet
111Kb / 4P
SMD Zener Diode
CZRT23C2V7-HF COMCHIP-CZRT23C2V7-HF Datasheet
326Kb / 5P
SMD Zener Diode
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com