Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP521-2X Datasheet (PDF) - List of Unclassifed Manufacturers

TLP521-2X Datasheet PDF - List of Unclassifed Manufacturers
Part # TLP521-2X
Download  TLP521-2X Download
File Size   74.93 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

TLP521-2X Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP521-2X Datasheet PDF - List of Unclassifed Manufacturers

Part # TLP521-2X
Download  TLP521-2X Click to download

File Size   74.93 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

TLP521-2X Datasheet (HTML) - List of Unclassifed Manufacturers


TLP521-2X Product details

[Isocom]



DESCRIPTION

The TLP521, TLP521-2, TLP521-4 series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages.



FEATURES

Options :-10mm lead spread - add G after part no. Surface mount - add SM after part no.

Tape&reel - add SMT&R after part no.

High Current Transfer Ratio ( 50% min)

High Isolation Voltage (5.3kV RMS ,7.5kVPK)

High BVCEO( 55Vmin )

All electrical parameters 100% tested

Custom electrical selections available



APPLICATIONS

Computer terminals

Industrial systems controllers

Measuring instruments

Signal transmission between systems of different potentials and impedances

 




Similar Part No. - TLP521-2X

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
TLP521-2X ISOCOM-TLP521-2X Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP521-2XGB ISOCOM-TLP521-2XGB Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Similar Description - TLP521-2X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP321-1X ISOCOM-ISP321-1X Datasheet
86Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP621 ISOCOM-TLP621 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS121 ISOCOM-IS121 Datasheet
662Kb / 6P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP521GB ISOCOM-TLP521GB Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP521-1 ISOCOM-ISP521-1_08 Datasheet
91Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817 ISOCOM-ISP817_11 Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817BXSMT-R ISOCOM-ISP817BXSMT-R Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com