Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5244CY Datasheet (PDF) - Intersil Corporation

EL5244CY Datasheet PDF - Intersil Corporation
Part # EL5244CY
Download  EL5244CY Download
File Size   499.45 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz Single-Supply Rail-to-Rail Amplifiers

EL5244CY Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5244CY Datasheet PDF - Intersil Corporation

Part # EL5244CY
Download  EL5244CY Click to download

File Size   499.45 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz Single-Supply Rail-to-Rail Amplifiers

EL5244CY Datasheet (HTML) - Intersil Corporation


EL5244CY Product details

100MHz Single-Supply Rail-to-Rail Amplifiers

The EL5144 series amplifiers are voltage-feedback, high speed, rail-to-rail amplifiers designed to operate on a single +5V supply. They offer unity gain stability with an unloaded - 3dB bandwidth of 100MHz. The input common-mode voltage range extends from the negative rail to within 1.5V of the positive rail. Driving a 75Ω double terminated coaxial cable, the EL5144 series amplifiers drive to within 150mV of either rail. The 200V/µs slew rate and 0.1%/0.1° differential gain/differential phase makes these parts ideal for composite and component video applications. With their voltage feedback architecture, these amplifiers can accept reactive
feedback networks, allowing them to be used in analog filtering applications These amplifiers will source 90mA and sink 65mA.



Features

• Rail-to-rail output swing

• -3dB bandwidth = 100MHz

• Single-supply +5V operation

• Power-down to 2.6µA

• Large input common-mode range 0V < VCM < 3.5V

• Diff gain/phase = 0.1%/0.1°

• Low power 35mW per amplifier

• Space-saving SOT23-5, MSOP8 & 10, & QSOP16 packages

• Pb-Free available (RoHS compliant)



Applications

• Video amplifiers

• 5V analog signal processing

• Multiplexers

• Line drivers

• Portable computers

• High speed communications

• Sample & hold amplifiers

• Comparators




Similar Part No. - EL5244CY

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5244CY ELANTEC-EL5244CY Datasheet
945Kb / 20P
100 MHz Single Supply Rail to Rail Amplifier
logo
Renesas Technology Corp
EL5244CY RENESAS-EL5244CY Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
EL5244CY-T13 RENESAS-EL5244CY-T13 Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
EL5244CYZ RENESAS-EL5244CYZ Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
EL5244CYZ-T13 RENESAS-EL5244CYZ-T13 Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
More results


Similar Description - EL5244CY

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Texas Instruments
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
100MHz Single-Supply Rail-to-Rail Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com