Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2035CT Datasheet (PDF) - Diode Semiconductor Korea

MBRB2035CT Datasheet PDF - Diode Semiconductor Korea
Part # MBRB2035CT
Download  MBRB2035CT Download
File Size   381.43 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIERS

MBRB2035CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB2035CT Datasheet PDF - Diode Semiconductor Korea

Part # MBRB2035CT
Download  MBRB2035CT Click to download

File Size   381.43 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIERS

MBRB2035CT Datasheet (HTML) - Diode Semiconductor Korea


MBRB2035CT Product details

VOLTAGE RANGE: 30 - 60 V CURRENT: 20 A

FEATURES
◇ High surge capacity.
◇ For use in low voltage, high frequency inverters, free
   wheeling, and polarity protection applications.
◇ Metal silicon junction, majority carrier conduction.
◇ High current capacity, low forward voltage drop.
◇ Guard ring for over voltage protection.




Similar Part No. - MBRB2035CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB2035CT GE-MBRB2035CT Datasheet
98Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2035CT MCC-MBRB2035CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2035CT GOOD-ARK-MBRB2035CT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRB2035CT VISHAY-MBRB2035CT Datasheet
512Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBRB2035CT VISHAY-MBRB2035CT Datasheet
132Kb / 6P
Schottky Rectifier, 2 x 10 A
21-Aug-08
More results


Similar Description - MBRB2035CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com