Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1524A Datasheet (PDF) - Semtech Corporation

GS1524A Datasheet PDF - Semtech Corporation
Part # GS1524A
Download  GS1524A Download
File Size   681.58 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Adaptive Cable Equalizer

GS1524A Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1524A Datasheet PDF - Semtech Corporation

Part # GS1524A
Download  GS1524A Click to download

File Size   681.58 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Adaptive Cable Equalizer

GS1524A Datasheet (HTML) - Semtech Corporation


GS1524A Product details

Description
The GS1524A is a second-generation high-speed BiCMOS integrated circuit designed to equalize and restore signals received over 75Ω co-axial cable.
The GS1524A is designed to support SMPTE 292M, SMPTE 344M and SMPTE 259M, and is optimized for performance at 270Mb/s and 1.485Gb/s.

Features
• SMPTE 292M, SMPTE 344M and SMPTE 259M compliant
• Automatic cable equalization
• Multi-standard operation from 143Mb/s to 1.485Gb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Pin compatible with the GS9064 Cable Equalizer
• Manual bypass (useful for low data rates with slow rise/fall times)
• Performance optimized for 270Mb/s and 1.485Gb/s
• Typical equalized length of Belden 1694A cable: 200m at 1.485Gb/s, 350m at 270Mb/s
• 50Ω differential output (with internal 50Ω pull-ups)
• Manual output mute or programmable mute based on max cable length adjust
• Cable length indicator for SMPTE 259M inputs
• Single 3.3V power supply operation
• Operating temperature range: 0°C to +70°C

Applications
• SMPTE 292M, SMPTE 344M and SMPTE 259M Coaxial Cable Serial Digital Interfaces.




Similar Part No. - GS1524A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
GS1524A Adaptive Cable Equalizer
GS1524ACKDE3 GENNUM-GS1524ACKDE3 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1524ACTDE3 GENNUM-GS1524ACTDE3 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
More results


Similar Description - GS1524A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
Adaptive Cable Equalizer
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
GS1524A Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
Adaptive Cable Equalizer
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com