Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9091B Datasheet (PDF) - Semtech Corporation

GS9091B Datasheet PDF - Semtech Corporation
Part # GS9091B
Download  GS9091B Download
File Size   5002.46 Kbytes
Page   73 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 270Mb/s Deserializer for SDI and DVB-ASI

GS9091B Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9091B Datasheet PDF - Semtech Corporation

Part # GS9091B
Download  GS9091B Click to download

File Size   5002.46 Kbytes
Page   73 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 270Mb/s Deserializer for SDI and DVB-ASI

GS9091B Datasheet (HTML) - Semtech Corporation


GS9091B Product details

Description
The GS9091B is a 270Mb/s equalizing and reclocking dese rializer with an internal FIFO. It provides a complete receive solution for SD-SDI and DVB-ASI applications.
In addition to equalizing, reclocking and deserializing the input data stream, the GS9091B performs NRZI -to-NRZ decoding, descrambling as per SMPTE 259M-C, and word alignment when operating in SMPTE mode. When operating in DVB-ASI mode, the device will word align the data to K28.5 sync characters and 8b/10b decode the received stream.
The integrated equalizer is optimized for 270Mb/s and can typically equalize up to 500m of Belden 1694A cable. Both the equalizer and the internal reclocker are fully compatible with both SMPTE and DVB-ASI input streams.
The GS9091B includes a range of data processing functions such as EDH support (error detection and handling), and automatic standards detection. The device can also detect and extract SMPTE 352M payload identifier packets and in dependently identify the received video standard. This in formation is read from internal registers via the host interface port.
The GS9091B also incorporates a video line-based FIFO.
This FIFO may be used in four user-selectable modes to carry out tasks such as data alignment / delay, clock phase interchange, MPEG packet extraction and clock rate interchange, and ancillary data packet extraction.
Parallel data outputs are provided in 10-bit multiplexed format, with the associated parallel clock output signal operating at 27MHz.
The device may also be used in a low-latency data pass through mode where only descrambling and word alignment will be performed in SMPTE mode.

Key Features
• SMPTE 259M-C compliant descrambling and NRZI to NRZ decoding (with bypass)
• DVB-ASI 8b/10b decoding
• Integrated Cable Equalizer
• 500m typical equalization of Belden 1694A cable
• Integrated line-based FIFO for data alignment/delay, clock phase interchange, DVB-ASI data packet extraction and clock rate interchange, and ancillary data packet extraction
• Integrated VCO and reclocker
• User selectable additional processing features including:
   ♦ TRS, ANC data checksum, and EDH CRC error detection and correction
   ♦ programmable ANC data detection
   ♦ illegal code remapping
• Internal flywheel for noise immune H, V, F extraction
• Automatic standards detection and indication
• Enhanced Gennum Serial Peripheral Interface (GSPI)
• JTAG test interface
• Polarity insensitive for DVB-ASI and SMPTE signals
• +1.8V core power supply with optional +1.8V or +3.3V I/O power supply
• Small footprint (11mm x 11mm)
• Low power operation (typically 350mW)
• Pb-free and RoHS compliant

Applications
• SMPTE 259M-C Serial Digital Interfaces
• DVB-ASI Serial Digital Interfaces




Similar Part No. - GS9091B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9091BCBE3 GENNUM-GS9091BCBE3 Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
More results


Similar Description - GS9091B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
GenLINX짰 III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Texas Instruments
LMH0041 TI1-LMH0041 Datasheet
944Kb / 33P
HD, SD, DVB-ASI SDI Deserializer
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
270Mb/s Deserializer for SDI
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com