Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBC13916 Datasheet (PDF) - Motorola, Inc

MBC13916 Datasheet PDF - Motorola, Inc
Part # MBC13916
Download  MBC13916 Download
File Size   396.51 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description General Purpose Sige:CRF Cascode Amplifier

MBC13916 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBC13916 Datasheet PDF - Motorola, Inc

Part # MBC13916
Download  MBC13916 Click to download

File Size   396.51 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description General Purpose Sige:CRF Cascode Amplifier

MBC13916 Datasheet (HTML) - Motorola, Inc


MBC13916 Product details

The MBC13916 is a cost–effective, high isolation amplifier fabricated with Motorola’s Advanced RF BiCMOS process using the SiGe:C module. It is intended to be a similar replacement for the MRFIC0916 and is housed in the smaller SOT–343R surface mount package. As with the MRFIC0916, the device is designed for general purpose RF applications, but has improved high frequency gain and noise figure. On–chip bias circuitry sets the bias point, while matching is accomplished off–chip, affording the maximum in application flexibility.

• Usable Frequency Range = 100 to 2500 MHz
• 19 dB typical gain at 900 MHz, VCC = 2.7 V
• NFmin (Device Level) = 0.9 dB @ 900 MHz
• NFmin (Device Level) = 1.9 dB @ 1.9 GHz
• 2.5 dBm typical Output Power at 1.0 dB Gain Compression at 900 MHz, VCC = 2.7 V
• 45 dB Typical Reverse Isolation (Device Level) at 900 MHz, VCC = 2.7 V
• 4.7 mA Typ Bias Current at VCC = 2.7 V
• 2.7 to 5.0 V Supply
• Industry Standard SOT–343R Package
• Available Only in Tape and Reel Packaging
• Device Weight = 0.00642 g (Typ)




Similar Part No. - MBC13916

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
MBC13916NT1 NXP-MBC13916NT1 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
MBC13916T1 NXP-MBC13916T1 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
More results


Similar Description - MBC13916

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
logo
NTE Electronics
NTE724 NTE-NTE724 Datasheet
25Kb / 3P
Integrated Circuit Differential/Cascode Amplifier
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416 Datasheet
88Kb / 8P
RF Cascode Amplifier
June 2002
logo
RF Micro Devices
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
logo
Freescale Semiconductor...
MBC13917 FREESCALE-MBC13917 Datasheet
1Mb / 40P
General Purpose SiGe C RF Cascode Low Noise Amplifier
logo
Infineon Technologies A...
BGA416 INFINEON-BGA416_08 Datasheet
288Kb / 8P
RF Cascode Amplifier
Rev. 2.1, April 2008
logo
NXP Semiconductors
MBC13916 NXP-MBC13916 Datasheet
492Kb / 16P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 2.2, 05/2006
MBC13917 NXP-MBC13917 Datasheet
1Mb / 40P
General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 1.0, 12/2010
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com