Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2A Datasheet (PDF) - GOOD-ARK Electronics

ES2A Datasheet PDF - GOOD-ARK Electronics
Part # ES2A
Download  ES2A Download
File Size   365.63 Kbytes
Page   5 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Glass Passivated Superfast Rectifier

ES2A Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2A Datasheet PDF - GOOD-ARK Electronics

Part # ES2A
Download  ES2A Click to download

File Size   365.63 Kbytes
Page   5 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Surface Mount Glass Passivated Superfast Rectifier

ES2A Datasheet (HTML) - GOOD-ARK Electronics


ES2A Product details

Reverse Voltage 50 to 600V Forward Current 2A

Features
• Glass passivated superfast recovery Rectifiers
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0




Similar Part No. - ES2A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2A SSE-ES2A Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Fairchild Semiconductor
ES2A FAIRCHILD-ES2A Datasheet
43Kb / 3P
2.0 Ampere Superfast Rectifiers
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2A FUJI-ES2A Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
More results


Similar Description - ES2A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
GOOD-ARK Electronics
FU1 GOOD-ARK-FU1 Datasheet
372Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
FU6 GOOD-ARK-FU6 Datasheet
363Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
L2U1 GOOD-ARK-L2U1 Datasheet
194Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
L3U1 GOOD-ARK-L3U1 Datasheet
201Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
PU1 GOOD-ARK-PU1 Datasheet
372Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
SGC0303U GOOD-ARK-SGC0303U Datasheet
195Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
SGC0403U GOOD-ARK-SGC0403U Datasheet
200Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
SGC0503U GOOD-ARK-SGC0503U Datasheet
196Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
ES5A GOOD-ARK-ES5A Datasheet
319Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com