| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCV8570
|
193Kb / 12P |
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3 |
|
NCP700B
|
540Kb / 21P |
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0 |
|
NCV8570B
|
614Kb / 21P |
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1 |
|
NCP161
|
733Kb / 19P |
450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5 |
|
NCP700C
|
352Kb / 13P |
200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1 |
|
NCV8570B
|
646Kb / 20P |
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3 |
|
NCP163
|
469Kb / 13P |
250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0 |
|
NCV8163
|
696Kb / 16P |
250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2 |
|
NCV8160
|
425Kb / 14P |
Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2 |
|
NCV8161
|
633Kb / 16P |
Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1 |