Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3610 Datasheet (PDF) - GOOD-ARK Electronics

SSF3610 Datasheet PDF - GOOD-ARK Electronics
Part # SSF3610
Download  SSF3610 Download
File Size   728.12 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 30V N-Channel MOSFET

SSF3610 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF3610 Datasheet PDF - GOOD-ARK Electronics

Part # SSF3610
Download  SSF3610 Click to download

File Size   728.12 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 30V N-Channel MOSFET

SSF3610 Datasheet (HTML) - GOOD-ARK Electronics


SSF3610 Product details

DESCRIPTION
The SSF3610 uses advanced trench technology to provide excellent RDS(ON) and low gate charge .This device is suitable for use as a load switch or in PWM applications.

GENERAL FEATURES
● VDS = 30V,ID =11A
    RDS(ON) < 13mΩ @ VGS=4.5V
    RDS(ON) < 9mΩ @ VGS=10V
● High Power and current handing capability
● Lead free product
● Surface Mount Package

APPLICATIONS
● PWM applications
● Load switch
● Power management




Similar Part No. - SSF3610

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3610 SILIKRON-SSF3610 Datasheet
404Kb / 7P
PWM applications
SSF3610E SILIKRON-SSF3610E Datasheet
583Kb / 7P
Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF3610E GOOD-ARK-SSF3610E Datasheet
908Kb / 6P
25V N-Chanel MOSFET
SSF3610E GOOD-ARK-SSF3610E_15 Datasheet
908Kb / 6P
25V N-Chanel MOSFET
SSF3610 GOOD-ARK-SSF3610_15 Datasheet
728Kb / 6P
30V N-Channel MOSFET
More results


Similar Description - SSF3610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com