Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V805 Datasheet (PDF) - Integrated Device Technology

IDT72V805 Datasheet PDF - Integrated Device Technology
Part # IDT72V805
Download  IDT72V805 Download
File Size   490.37 Kbytes
Page   26 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18

IDT72V805 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V805 Datasheet PDF - Integrated Device Technology

Part # IDT72V805
Download  IDT72V805 Click to download

File Size   490.37 Kbytes
Page   26 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18

IDT72V805 Datasheet (HTML) - Integrated Device Technology


IDT72V805 Product details

DESCRIPTION:
The IDT72V805/72V815/72V825/72V835/72V845 are dual 18-bit-wide synchronous (clocked) First-in, First-out (FIFO) memories designed to run off a 3.3V supply for exceptionally low power consumption. One dual IDT72V805/72V815/72V825/72V835/72V845 device is functionally equivalent to two IDT72V205/72V215/72V225/72V235/72V245 FIFOs in a single package with all associated control, data, and flag lines assigned to independent pins. These devices are very high-speed, low-power First-In, First-Out (FIFO) memories with clocked read and write controls.

FEATURES:
• The IDT72V805 is equivalent to two IDT72V205 256 x 18 FIFOs
• The IDT72V815 is equivalent to two IDT72V215 512 x 18 FIFOs
• The IDT72V825 is equivalent to two IDT72V225 1,024 x 18 FIFOs
• The IDT72V835 is equivalent to two IDT72V235 2,048 x 18 FIFOs
• The IDT72V845 is equivalent to two IDT72V245 4,096 x 18 FIFOs
• Offers optimal combination of large capacity (8K), high speed, design flexibility, and small footprint
• Ideal for the following applications:
   – Network switching
   – Two level prioritization of parallel data
   – Bidirectional data transfer
   – Bus-matching between 18-bit and 36-bit data paths
   – Width expansion to 36-bit per package
   – Depth expansion to 8,192 words per package
• 10 ns read/write cycle time
• 5V input tolerant
• IDT Standard or First Word Fall Through timing
• Single or double register-buffered Empty and Full Flags
• Easily expandable in depth and width
• Asynchronous or coincident Read and Write Clocks
• Asynchronous or synchronous programmable Almost-Empty and Almost-Full flags with default settings
• Half-Full flag capability
• Output enable puts output data bus in high-impedance state
• High-performance submicron CMOS technology
• Available in a 128-pin thin quad flatpack (TQFP)
• Industrial temperature range (–40°C to +85°C) is available




Similar Part No. - IDT72V805

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805 Datasheet
200Kb / 26P
3.3 VOLT CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
3.3 VOLT CMOS DUAL SyncFIFO
More results


Similar Description - IDT72V805

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com