Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3620 Datasheet (PDF) - GOOD-ARK Electronics

SSF3620 Datasheet PDF - GOOD-ARK Electronics
Part # SSF3620
Download  SSF3620 Download
File Size   780.62 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 30V Dual N-Channel MOSFET

SSF3620 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF3620 Datasheet PDF - GOOD-ARK Electronics

Part # SSF3620
Download  SSF3620 Click to download

File Size   780.62 Kbytes
Page   6 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description 30V Dual N-Channel MOSFET

SSF3620 Datasheet (HTML) - GOOD-ARK Electronics


SSF3620 Product details

DESCRIPTION
The SSF3620 uses advanced trench technology to provide excellent RDS(ON) and low gate charge .This device is suitable for use as a load switch or in PWM applications.

GENERAL FEATURES
● VDS = 30V,ID =7A
    RDS(ON) < 30mΩ @ VGS=4.5V
    RDS(ON) < 18.5mΩ @ VGS=10V
● High Power and current handing capability
● Lead free product
● Surface Mount Package

APPLICATIONS
● PWM applications
● Load switch
● Power management




Similar Part No. - SSF3620

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3620 SILIKRON-SSF3620 Datasheet
425Kb / 5P
PWM applications
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620_15 Datasheet
780Kb / 6P
30V Dual N-Channel MOSFET
More results


Similar Description - SSF3620

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4854 AOSMD-AO4854 Datasheet
206Kb / 6P
30V Dual N-channel MOSFET
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
30V Dual N-Channel MOSFET
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
30V Dual N-Channel MOSFET
AO4818 AOSMD-AO4818_11 Datasheet
212Kb / 6P
30V Dual N-channel MOSFET
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
30V Dual N-channel MOSFET
AO4948 AOSMD-AO4948 Datasheet
620Kb / 8P
30V Dual N-Channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
30V Dual N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDS8978 UMW-FDS8978 Datasheet
450Kb / 7P
30V Dual N-Channel MOSFET
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com