Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ52XXB Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMBZ52XXB Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # MMBZ52XXB
Download  MMBZ52XXB Download
File Size   416.49 Kbytes
Page   3 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Diodes

MMBZ52XXB Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ52XXB Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMBZ52XXB
Download  MMBZ52XXB Click to download

File Size   416.49 Kbytes
Page   3 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Diodes

MMBZ52XXB Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


MMBZ52XXB Product details

FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Zener Voltages from 2.4V - 39V
• Ideally Suited for Automated Assembly Processes




Similar Part No. - MMBZ52XXB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Won-Top Electronics
MMBZ52XXB-T1 WTE-MMBZ52XXB-T1 Datasheet
76Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
ON Semiconductor
MMBZ52XXBLT1 ONSEMI-MMBZ52XXBLT1 Datasheet
72Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
MMBZ52XXBLT1G ONSEMI-MMBZ52XXBLT1G Datasheet
72Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
MMBZ52XXBLT1G ONSEMI-MMBZ52XXBLT1G Datasheet
172Kb / 6P
Zener Voltage Regulators
February, 2012 ??Rev. 11
More results


Similar Description - MMBZ52XXB

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5819WS SHENZHENSLS-B5819WS Datasheet
297Kb / 1P
Plastic-Encapsulate Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com