Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5221 Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

1N5221 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # 1N5221
Download  1N5221 Download
File Size   772.33 Kbytes
Page   3 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Glass-Encapsulate Diodes

1N5221 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5221 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 1N5221
Download  1N5221 Click to download

File Size   772.33 Kbytes
Page   3 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Glass-Encapsulate Diodes

1N5221 Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


1N5221 Product details

ZENER DIODES POWER DISSIPATION: 500 mW

FEATURES
   Silicon planar power zener diodes
   Standard Zener voltage tolerance is ± 20%.
   Add suffix "A" for ± 10% Tolerance, suffix
   "B" for ± 5% tolerance, suffix "C" for ± 2%
   tolerance, Other tolerance, non standard
   and higher Zener voltages are upon request.




Similar Part No. - 1N5221

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5221 SEME-LAB-1N5221 Datasheet
15Kb / 2P
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5221 CHENYI-1N5221 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221 Datasheet
35Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
500 mW Zener Diode 2.4 to 200 Volts
More results


Similar Description - 1N5221

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
1N4728 HOTTECH-1N4728 Datasheet
494Kb / 3P
Glass-Encapsulate Diodes
HZ2A1 HOTTECH-HZ2A1 Datasheet
385Kb / 4P
Glass-Encapsulate Diodes
1N4148 HOTTECH-1N4148 Datasheet
261Kb / 2P
Glass-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAV100 HDSEMI-BAV100 Datasheet
1Mb / 5P
MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60 Datasheet
1Mb / 4P
MINI MELF Glass-Encapsulate Diodes
LLDB3 HDSEMI-LLDB3 Datasheet
1Mb / 4P
MINI MELF Glass-Encapsulate Diodes
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
MELF Glass-Encapsulate Diodes
ZMM55-SERIES HDSEMI-ZMM55-SERIES Datasheet
1Mb / 7P
MINI MELF Glass-Encapsulate Diodes
LL60 HDSEMI-LL60_18 Datasheet
1Mb / 4P
MINI MELF Glass-Encapsulate Diodes
BAV100 HDSEMI-BAV100_18 Datasheet
1Mb / 5P
MINI MELF Glass-Encapsulate Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com