Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A04 Datasheet (PDF) - XP Power Limited

A04 Datasheet PDF - XP Power Limited
Part # A04
Download  A04 Download
File Size   1307.04 Kbytes
Page   10 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

A04 Datasheet (PDF)

Go To PDF Page Download Datasheet
A04 Datasheet PDF - XP Power Limited

Part # A04
Download  A04 Click to download

File Size   1307.04 Kbytes
Page   10 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS

A04 Datasheet (HTML) - XP Power Limited


A04 Product details

PRODUCT DESCRIPTION
The A Series is a new line of ultra-miniature, DC to HV DC converters that set an industry standard in high voltage miniaturization. This unique package occupies less than one tenth of a cubic inch of volume*5, and features an extremely low profle of only 0.250 inches (6.35mm)! Controllable output voltages range from 100 volts to 6000 volts. These component-sized converters are ideal for applications requiring minimal size and weight. Please refer to our AG series data sheet for surface mount options.

FEATURES
• Proportional Input/Output
• Low Noise Quasi-sinewave Oscillator
• Control Pin
• Low Leakage Current
• Low Input/Output Capacitance
• Input to Output Galvanic Isolation
• Short Circuit Protection, 1 Minute Minimum
• No Minimum Load Required*2
• MTBF > 1,862,000 hours, per Bellcore TR 332
• No External Components Required
• RoHS Compliant
• UL Recognized

APPLICATIONS
    Avalanche Photodiodes
    Capacitor Charging
    Electrophoresis
    Photomultiplier Tubes
    Piezo Devices
    Mass Spectrometry
    Sustaining Ion Pumps




Similar Part No. - A04

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A04 DBLECTRO-A04 Datasheet
221Kb / 1P
IDC SOCKET SINGLE ROW
logo
Frontier Electronics.
A04-LFR FRONTIER-A04-LFR Datasheet
131Kb / 2P
1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Barry
A0400-20-3X BARRY-A0400-20-3X Datasheet
133Kb / 1P
BeO
Rev.A 03/04/10
A0400-40-3X BARRY-A0400-40-3X Datasheet
139Kb / 1P
BeO 4 dB FLANGED ATTENUATOR
Rev. A
logo
List of Unclassifed Man...
A0403634 ETC2-A0403634 Datasheet
534Kb / 14P
FiberExpress Connectors
More results


Similar Description - A04

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com