Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA2712 Datasheet (PDF) - NXP Semiconductors

BGA2712 Datasheet PDF - NXP Semiconductors
Part # BGA2712
Download  BGA2712 Download
File Size   83.6 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description MMIC wideband amplifier

BGA2712 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA2712 Datasheet PDF - NXP Semiconductors

Part # BGA2712
Download  BGA2712 Click to download

File Size   83.6 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description MMIC wideband amplifier

BGA2712 Datasheet (HTML) - NXP Semiconductors


BGA2712 Product details

DESCRIPTION

Silicon Monolithic Microwave Integrated Circuit (MMIC) wideband amplifier with internal matching circuit in a 6-pin SOT363 SMD plastic package.



FEATURES

• Internally matched to 50 Ω

• Wide frequency range (3.2 GHz at 3 dB bandwidth)

• Flat 21 dB gain (DC to 2.6 GHz at 1 dB flatness)

• 5 dBm saturated output power at 1 GHz

• Good linearity (11 dBm IP3(out) at 1 GHz)

• Unconditionally stable (K > 1.5).



APPLICATIONS

• LNB IF amplifiers

• Cable systems

• ISM

• General purpose.




Similar Part No. - BGA2712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2712 NXP-BGA2712 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BGA2712

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2709 PHILIPS-BGA2709 Datasheet
86Kb / 12P
MMIC wideband amplifier
2002 Aug 06
BGA2717 PHILIPS-BGA2717 Datasheet
86Kb / 14P
MMIC wideband amplifier
Rev. 02-24 September 2004
BGA2715 PHILIPS-BGA2715 Datasheet
88Kb / 14P
MMIC wideband amplifier
Rev. 02-24 September 2004
BGM1011 PHILIPS-BGM1011 Datasheet
125Kb / 11P
MMIC wideband amplifier
2002 Jan 14
BGM1012 PHILIPS-BGM1012 Datasheet
87Kb / 12P
MMIC wideband amplifier
2002 Sep 06
BGA2714 PHILIPS-BGA2714 Datasheet
93Kb / 15P
MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2776 NXP-BGA2776 Datasheet
258Kb / 10P
MMIC wideband amplifier
Rev. 04-29 August 2007
BGA2801 NXP-BGA2801 Datasheet
552Kb / 18P
MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2850 NXP-BGA2850 Datasheet
560Kb / 18P
MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2816 NXP-BGA2816 Datasheet
249Kb / 18P
MMIC wideband amplifier
Rev. 5-13 July 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com