Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5801 Datasheet (PDF) - Rohm

BP5801 Datasheet PDF - Rohm
Part # BP5801
Download  BP5801 Download
File Size   65.16 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High efficiency switching-type motor driver

BP5801 Datasheet (PDF)

Go To PDF Page Download Datasheet
BP5801 Datasheet PDF - Rohm

Part # BP5801
Download  BP5801 Click to download

File Size   65.16 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High efficiency switching-type motor driver

BP5801 Datasheet (HTML) - Rohm


BP5801 Product details

High efficiency switching-type motor driver

The BP5801 is an output-variable type DC motor driver module. This module can change the output voltage for driving the DC motor by inputting PWM signal or DC voltage into the control terminal. The power conversion efficiency is high, and power saving of the application can be realized, since the input voltage can be changed into the specified output voltage by the switching system. Further, this module can be used as the output-variable type DC / DC converter.

Features
1) Electrical power loss is small even when there is a difference between the input voltage and motor driving voltage, since electrical power conversion efficiency is high (90% Typ.) as the switching system is employed for changing the voltage.
2) Motor driving voltage can be set to any optional value by the control signal.
3) The control signal corresponds with both PWM signal and DC voltage.
4) The control terminal is easy to be designed, as it is only one-terminal type.
5) This can be used as the output-variable type DC / DC converter as well.
6) Space-saving package of SIP

Applications
   Refrigerator,The rotation-control type DC motor driver and the output-variable type DC / DC converter




Similar Part No. - BP5801

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5807 ROHM-BP5807 Datasheet
73Kb / 6P
High efficiency switching-type motor driver
More results


Similar Description - BP5801

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1DL41A TOSHIBA-1DL41A Datasheet
140Kb / 2P
HIGH EFFICIENCY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
02-Dec-1996
2GLZ47A TOSHIBA-2GLZ47A Datasheet
151Kb / 2P
HIGH EFFICIENCY RECTIFIER (SWITCHING TYPE POWER SUPPLY APPLICATION)
2SD1160 TOSHIBA-2SD1160 Datasheet
188Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, SUITABLE FOR MOTOR DRIVER APPLICATIONS)
2SD2129 TOSHIBA-2SD2129 Datasheet
201Kb / 4P
NPN TRIPLE DIFFUSE TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVER APPLICATIONS)
2SD2271 TOSHIBA-2SD2271 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER, HIGH CURRENT SWITCHING APPLICATIONS)
logo
Rohm
BP5807 ROHM-BP5807 Datasheet
73Kb / 6P
High efficiency switching-type motor driver
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
Step-down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
Step-down,High-efficiency Switching Regulators (Controller type)
logo
STMicroelectronics
UM0677 STMICROELECTRONICS-UM0677 Datasheet
786Kb / 16P
High-efficiency switching LED driver for high-current LEDs
14-May-2010
logo
Maxim Integrated Produc...
MAX14570 MAXIM-MAX14570 Datasheet
1Mb / 20P
High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com