Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FESF16JT Datasheet (PDF) - Vishay Siliconix

FESF16JT Datasheet PDF - Vishay Siliconix
Part # FESF16JT
Download  FESF16JT Download
File Size   187.34 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Plastic Rectifiers

FESF16JT Datasheet (PDF)

Go To PDF Page Download Datasheet
FESF16JT Datasheet PDF - Vishay Siliconix

Part # FESF16JT
Download  FESF16JT Click to download

File Size   187.34 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Plastic Rectifiers

FESF16JT Datasheet (HTML) - Vishay Siliconix


FESF16JT Product details

FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)
• Solder dip 275 °C max. 10 s, per JESD 22-B106 (for TO-220AC and ITO-220AC package)
• AEC-Q101 qualified (for ITO-220AC and TO-263AB package)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in high frequency rectifier of switching mode power supplies, inverters, freewheeling diodes, DC/DC converters, and other power switching application.




Similar Part No. - FESF16JT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FESF16JT VISHAY-FESF16JT Datasheet
190Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
logo
Thinki Semiconductor Co...
FESF16JT THINKISEMI-FESF16JT Datasheet
363Kb / 2P
16.0 Ampere Insulated Package Positive Ultra Fast Recovery Rectifier Diode
logo
Vishay Siliconix
FESF16JT-E3/45 VISHAY-FESF16JT-E3/45 Datasheet
143Kb / 5P
Ultrafast Plastic Rectifier
07-Jan-08
FESF16JTHE3/45 VISHAY-FESF16JTHE3/45 Datasheet
143Kb / 5P
Ultrafast Plastic Rectifier
07-Jan-08
logo
Thinki Semiconductor Co...
FESF16JTR THINKISEMI-FESF16JTR Datasheet
246Kb / 2P
16.0 Ampere Insulated Package Negative Ultra Fast Recovery Rectifier Diode
More results


Similar Description - FESF16JT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FESF16FT VISHAY-FESF16FT Datasheet
190Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
BYVF32 EIC-BYVF32 Datasheet
46Kb / 2P
Dual Ultrafast Plastic Rectifiers
FES8AT EIC-FES8AT Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
FES16XX EIC-FES16XX Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
logo
Silicon Standard Corp.
MUR140 SSC-MUR140 Datasheet
219Kb / 4P
Ultrafast Plastic Rectifiers
logo
EIC discrete Semiconduc...
FEP16AT EIC-FEP16AT Datasheet
121Kb / 2P
Ultrafast Plastic Rectifiers
FEP30AP EIC-FEP30AP Datasheet
123Kb / 2P
Dual Ultrafast Plastic Rectifiers
logo
Vishay Siliconix
UG4A VISHAY-UG4A_11 Datasheet
78Kb / 4P
Miniature Ultrafast Plastic Rectifiers
04-May-11
logo
Formosa MS
MUR1020CT FORMOSA-MUR1020CT Datasheet
227Kb / 2P
Ultrafast Plastic Rectifiers
MUR1620CT FORMOSA-MUR1620CT Datasheet
108Kb / 2P
Ultrafast Plastic Rectifiers
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com