Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1963V Datasheet (PDF) - Infineon Technologies AG

T1963V Datasheet PDF - Infineon Technologies AG
Part # T1963V
Download  T1963V Download
File Size   1666.45 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Linear Voltage Post Regulator

T1963V Datasheet (PDF)

Go To PDF Page Download Datasheet
T1963V Datasheet PDF - Infineon Technologies AG

Part # T1963V
Download  T1963V Click to download

File Size   1666.45 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Linear Voltage Post Regulator

T1963V Datasheet (HTML) - Infineon Technologies AG


T1963V Product details

Features
• Adjustable Output Voltage
• Output Voltage Tolerance at small loads of ±1.5 %
• Output Current Capability up to 1.5 A
• Very Low Dropout Voltage of 340 mV
• Extended Operating Range Starting at 1.7 V
• Low Noise of typ. 40 µVRMS (10 Hz to 100 kHz)
• Small Output Capacitor for Stability 10 µF
• Suitable for Ceramic Output Capacitors
• Enable Functionality
• Overtemperature Shutdown
• Reverse Polarity Protection
• Output Current Limitation
• Wide Temperature Range From -40 °C up to 150 °C
• Suitable for use in automotive electronics as Post Regulator
• Green Product (RoHS compliant)
• AEC Qualified

Functional Description
TLF1963 is a low dropout voltage regulator available in PG-TO263-5 and
PG-TO252-5 SMD package. The IC regulates an input voltage VI
in the
range of 2.5 V < VI
< 20 V to an adjustable output voltage of
1.21 V < VQ,nom < VI
-Vdr. The device is capable to supply loads up to 1.5 A. The regulator can be enabled and
disabled via the Enable input. The integrated output current limitation and the overtemperature shutdown will
protect the device against failures like output short circuit to GND, overcurrent and overtemperature.
The TLF1963 provides the ideal solution for systems requiring several supply voltages. With its adjust feature the
regulator can provide all supply voltages between 1.21 V and the available input voltage, this offers a high flexibility
to the system designer.




Similar Part No. - T1963V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
T1960N INFINEON-T1960N Datasheet
297Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-03-12 revision:2.0
More results


Similar Description - T1963V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS203B0 INFINEON-TLS203B0_15 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com