Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7028L Datasheet (PDF) - Integrated Device Technology

IDT7028L Datasheet PDF - Integrated Device Technology
Part # IDT7028L
Download  IDT7028L Download
File Size   150.42 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM

IDT7028L Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7028L Datasheet PDF - Integrated Device Technology

Part # IDT7028L
Download  IDT7028L Click to download

File Size   150.42 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM

IDT7028L Datasheet (HTML) - Integrated Device Technology


IDT7028L Product details

Description
The IDT7028 is a high-speed 64K x 16 Dual-Port Static RAM. The IDT7028 is designed to be used as a stand-alone 1024K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 32-bit-or-more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 32-bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic.

Features
◆ True Dual-Ported memory cells which allow simultaneous reads of the same memory location
◆ High-speed access
   – Commercial: 15/20ns (max.)
◆ Low-power operation
   – IDT7028L
      Active: 1W (typ.)
      Standby: 1mW (typ.)
◆ Dual chip enables allow for depth expansion without external logic
◆ IDT7028 easily expands data bus width to 32 bits or more using the Master/Slave select when cascading more than one device
◆ M/S = VIH for BUSY output flag on Master, M/S = VIL for BUSY input on Slave
◆ Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling between ports
◆ Fully asynchronous operation from either port
◆ Separate upper-byte and lower-byte controls for multiplexed bus and bus matching compatibility
◆ TTL-compatible, single 5V (±10%) power supply
◆ Available in a 100-pin TQFP
◆ Industrial temperature range (–40°C to +85°C) is available for selected speeds




Similar Part No. - IDT7028L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7028L IDT-IDT7028L Datasheet
149Kb / 17P
True Dual-Ported memory cells which allow simultaneous reads of the same memory location
IDT7028L IDT-IDT7028L Datasheet
671Kb / 18P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
179Kb / 18P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_15 Datasheet
671Kb / 18P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Similar Description - IDT7028L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V28L IDT-IDT70V28L Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT709289 IDT-IDT709289 Datasheet
190Kb / 15P
HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V28L20PFGI IDT-70V28L20PFGI Datasheet
150Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_15 Datasheet
655Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_15 Datasheet
671Kb / 18P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT709289L IDT-IDT709289L_15 Datasheet
701Kb / 16P
HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_17 Datasheet
194Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V28 RENESAS-70V28 Datasheet
461Kb / 19P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com