Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75829PE Datasheet (PDF) - ON Semiconductor

LC75829PE Datasheet PDF - ON Semiconductor
Part # LC75829PE
Download  LC75829PE Download
File Size   207.25 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD Display Driver

LC75829PE Datasheet (PDF)

Go To PDF Page Download Datasheet
LC75829PE Datasheet PDF - ON Semiconductor

Part # LC75829PE
Download  LC75829PE Click to download

File Size   207.25 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LCD Display Driver

LC75829PE Datasheet (HTML) - ON Semiconductor


LC75829PE Product details

Overview
The LC75829PE and LC75829PW are 1/4 duty and 1/3 duty general-purpose microprocessor-controlled LCD drivers that can be used in applications such as frequency display in products with electronic tuning.
In addition to being able to drive up to 208 segments directly, the LC75829PE and LC75829PW can also control up to 4 general-purpose output ports. Incorporation of an oscillation circuit helps to reduce the number of external resistors and capacitors required.

Features
• Support for 1/4-duty 1/3-bias or 1/3-duty 1/3-bias drive techniques under serial data control.
   When 1/4-duty: Capable of driving up to 208 segments
   When 1/3-duty: Capable of driving up to 159 segments
• Serial data input supports CCB format communication with the system controller. (Support 3.3V and 5V operation)
• Serial data control of the power-saving mode based backup function and the all segments forced off function.
• Serial data control of switching between the segment output port and general-purpose output port function.
   (Support for up to 4 general-purpose output ports)
• Support for clock output function of 1ch.
• Serial data control of the frame frequency of the common and segment output waveforms.
• Serial data control of switching between the internal oscillator operating mode and external clock operating mode.
• High generality, since display data is displayed directly without the intervention of a decoder circuit.
• The INH pin allows the display to be forced to the off state.
• Incorporation of an oscillator circuit. (Incorporation of resistor and capacitor for an oscillation)




Similar Part No. - LC75829PE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
1/4 and 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75829PE-H ONSEMI-LC75829PE-H Datasheet
357Kb / 23P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-H ONSEMI-LC75829PEH-H Datasheet
357Kb / 23P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-TLA-H ONSEMI-LC75829PEH-TLA-H Datasheet
357Kb / 23P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results


Similar Description - LC75829PE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
4-Digit, LCD Display Driver
April 17, 2006
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
LCD Display Driver
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
LCD Display Driver
logo
Sanyo Semicon Device
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
General-Purpose LCD Display Driver
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
General-Purpose LCD Display Driver
logo
Intersil Corporation
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
4-Digit, LCD Display Driver
October 22, 2015
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
General-Purpose LCD Display Driver
July, 2013
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
LCD Display Driver with LED Driver
December, 2013
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
LCD Display Driver
November, 2013
LC75879PT ONSEMI-LC75879PT_13 Datasheet
341Kb / 35P
LCD Display Driver
July, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com