Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM6060A Datasheet (PDF) - Advanced XTAL Products

AXIOM6060A Datasheet PDF - Advanced XTAL Products
Part # AXIOM6060A
Download  AXIOM6060A Download
File Size   211.16 Kbytes
Page   14 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Ultra-Low Phase Noise 120 MHz OCXO for Space Application

AXIOM6060A Datasheet (PDF)

Go To PDF Page Download Datasheet
AXIOM6060A Datasheet PDF - Advanced XTAL Products

Part # AXIOM6060A
Download  AXIOM6060A Click to download

File Size   211.16 Kbytes
Page   14 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Ultra-Low Phase Noise 120 MHz OCXO for Space Application

AXIOM6060A Datasheet (HTML) - Advanced XTAL Products




Similar Part No. - AXIOM6060A

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM6060 AXTAL-AXIOM6060 Datasheet
312Kb / 14P
Qualified according to MIL-PRF-55310 Level ?쏶?
2015-02-04
More results


Similar Description - AXIOM6060A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
logo
Advanced XTAL Products
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
2016-04-15
AXIOM75S AXTAL-AXIOM75S Datasheet
190Kb / 13P
Low Phase Noise OCXO for Space Application (COTS version)
AXPLO2700 AXTAL-AXPLO2700 Datasheet
207Kb / 4P
Phase-Locked Ultra-Low Phase Noise OCXO (PLOCXO)
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
Low Phase Noise OCXO
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM70S AXTAL-AXIOM70S Datasheet
541Kb / 13P
Low Phase Noise 10 MHz OCXO with HCMOS output for Space Application (COTS)
2018-02-16
AXIOM75RH AXTAL-AXIOM75RH Datasheet
328Kb / 16P
Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
AXIOM75SH AXTAL-AXIOM75SH Datasheet
542Kb / 13P
Low Phase Noise OCXO for Space Application (COTS version)
AXIOM75SL AXTAL-AXIOM75SL Datasheet
541Kb / 13P
Low Phase Noise 10 MHz OCXO with Sine wave output for Space Application (COTS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com