Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL12-MS Datasheet (PDF) - Frontier Electronics.

SL12-MS Datasheet PDF - Frontier Electronics.
Part # SL12-MS
Download  SL12-MS Download
File Size   616.39 Kbytes
Page   3 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V

SL12-MS Datasheet (PDF)

Go To PDF Page Download Datasheet
SL12-MS Datasheet PDF - Frontier Electronics.

Part # SL12-MS
Download  SL12-MS Click to download

File Size   616.39 Kbytes
Page   3 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V

SL12-MS Datasheet (HTML) - Frontier Electronics.


SL12-MS Product details

PRODUCT FEATURES
1. FLAMMABILITY CLASSIFICATION 94V-0
2. EXCELLENT REVERSE LEAKAGE CURRENT AND THERMAL RESISTANCE
3. HIGH CURRENT CAPABILITY, LOW POWER LOSS
4. SILICON EPITAXIAL PLANAR CHIP, METAL SILICON JUNCTION
5. GUARDRING FOR OVERVOLTAGE PROTECTION
6. CASE: TRANSFER MOLDED, SOD-123S (MINI SMA)
7. DIMENSIONS IN INCHES AND (MILLIMETERS)
8. LEADS: SOLDERABILITY PER MIL-STD-750 METHOD 2026
9. WEIGHT: 0.0155 GRAMS
10 RoHS COMPLIANT, ADD SUFFIX “H” FOR HALOGEN FREE i.e. SL12-MS-H: RoHS COMPLIANT/HALOGEN FREE




Similar Part No. - SL12-MS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL12-MS FORMOSA-SL12-MS Datasheet
61Kb / 7P
SMD Low VF Schottky Barrier Rectifier
More results


Similar Description - SL12-MS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SL32-AL WILLAS-SL32-AL Datasheet
501Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-L PACKAGE
logo
Formosa MS
SL32-AL FORMOSA-SL32-AL_13 Datasheet
166Kb / 7P
3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
logo
Frontier Electronics.
FM120-MS-THRU-FM1200-MS FRONTIER-FM120-MS-THRU-FM1200-MS Datasheet
632Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM120-NS-THRU-FM140-NS FRONTIER-FM120-NS-THRU-FM140-NS Datasheet
612Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
FM120-S-THRU-FM1200-S FRONTIER-FM120-S-THRU-FM1200-S Datasheet
636Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM140-MH1-THRU-FM1200-MH1 FRONTIER-FM140-MH1-THRU-FM1200-MH1 Datasheet
609Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
SHIKUES Electronics
SKM32-AS SKTECHNOLGY-SKM32-AS Datasheet
744Kb / 3P
3.0A Low VF Surface Mount Schottky Barrier Rectifiers - 20V-40V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com