Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU9362 Datasheet (PDF) - List of Unclassifed Manufacturers

AU9362 Datasheet PDF - List of Unclassifed Manufacturers
Part # AU9362
Download  AU9362 Download
File Size   522.64 Kbytes
Page   26 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB Multiple Slots Flash Memory Card Reader Technical Reference Manual

AU9362 Datasheet (PDF)

Go To PDF Page Download Datasheet
AU9362 Datasheet PDF - List of Unclassifed Manufacturers

Part # AU9362
Download  AU9362 Click to download

File Size   522.64 Kbytes
Page   26 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB Multiple Slots Flash Memory Card Reader Technical Reference Manual

AU9362 Datasheet (HTML) - List of Unclassifed Manufacturers


AU9362 Product details

[Alcor Micro Corp.]

Description
The AU9362 is a single chip USB flash memory reader controller which supports the widely used flash memory cards such as Compact Flash (CF) card, Micro Drive (MD), Smart Media Card (SMC), XD Picture Card, Memory Stick (MS), Memory Stick Duo, Memory Stick PRO, Secure Digital (SD) and Multimedia Card (MMC). It can be used as removable storage disks in enormous data exchange applications between PC and PC or PC and various consumer electronic appliances.
The AU9362 reads digital contents saved on memory card that user captured with consumer electronic devices such as digital cameras, MP3 players, PDAs and mobile phones… etc.

Features
● Support USB v1.1 specification and USB Device Class Definition for Mass Storage, Bulk-Transport v1.0
● Support Compact Flash (CF) v1.4 Specification
● Support Secure Digital (SD) v1.0 Specification.
● Support Memory Stick (MS) v1.3 Specification.
● Support Memory Stick PRO v1.0 Specification.
● Support Memory Stick ROM Format v1.0 Specification.
● Support Smart Media Card (SMC) Standard 2000 Specification.
● Support xD-Picture Card Format V1.0 Specification
● Support IBM Microdrive device.
● Work with default driver from Windows ME, Windows XP, Mac OS 9, and Mac OS X. Windows 98, Windows 2000 are supported by vendor driver from Alcor.
● Ping-pong FIFO implementation for concurrent bus operation
● Support multiple sectors transfer to 4GB to optimize performance
● Support optional external EEPROM for USB VID, PID and string customization
● Support multiple slot concurrent operation.
● Integrated power switch and power management circuit for each slot to meet USB 500uA power consumption during suspend with card in the slot.
● Runs at 12MHz, built-in 48 MHz PLL
● Built-in 3.3V regulator
● 64-pin LQFP package




Similar Part No. - AU9362

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9360 ETC-AU9360 Datasheet
240Kb / 29P
USB Multiple Slots Flash Memory Card Reader Controller TRM
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
More results


Similar Description - AU9362

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9380 ETC-AU9380 Datasheet
158Kb / 22P
USB Flash Disk Controller Technical Reference Manual
AU9360 ETC-AU9360 Datasheet
240Kb / 29P
USB Multiple Slots Flash Memory Card Reader Controller TRM
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
USB Smart Card Reader Controller Technical Reference Manual
AU9321 ETC-AU9321 Datasheet
138Kb / 19P
USB Compact Flash Card Reader Technical Reference Manual
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
AU9510F USB Smart Card Reader Controller Technical Reference Manual
AU9340 ETC2-AU9340 Datasheet
477Kb / 23P
USB Memory Stick Card Reader Controller Chip Technical Reference Manual
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU9223 ETC2-AU9223 Datasheet
887Kb / 21P
USB KVM Controller Technical Reference Manual
AU6368 ETC2-AU6368 Datasheet
498Kb / 20P
USB2.0 Multiple Slots Flash Memory Card Reader
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
USB2.0 Multiple Slots Flash Memory Card Reader
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com