Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9172-15CG Datasheet (PDF) - Richtek Technology Corporation

RT9172-15CG Datasheet PDF - Richtek Technology Corporation
Part # RT9172-15CG
Download  RT9172-15CG Download
File Size   342.91 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A FIXED OUTPUT VOLTAGE LDO REGULATOR

RT9172-15CG Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9172-15CG Datasheet PDF - Richtek Technology Corporation

Part # RT9172-15CG
Download  RT9172-15CG Click to download

File Size   342.91 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A FIXED OUTPUT VOLTAGE LDO REGULATOR

RT9172-15CG Datasheet (HTML) - Richtek Technology Corporation


RT9172-15CG Product details

General Description
The RT9172 series of low-dropout linear regulators operate from a +2.25V to +6.0V input supply. A wide range of preset output voltage options is available. These low dropout linear regulators respond very fast to step changes in load, which are suitable for low voltage microprocessor applications. The RT9172 uses an internal PMOS as the pass device, which does not cause extra GND current in heavy load and dropout condition. The shutdown mode of low operation current makes the IC suitable for power-saving systems. The other features include current limiting and over temperature protection.

Features
● Low Dropout Voltage
● Low Ground Pin Current
● Load Regulation of 0.4% at 3A
● 0.5µA Quiescent Current in Shutdown Mode
● Guaranteed Output Current of 3A DC
● Available in TO-263 and TO-220 Packages
● Output Voltage Accuracy ±1.5%
● Error Flag Indicates Output Status
● Sense Option Improves Better Load Regulation
● Extremely Low Output Capacitor Requirements
● Over-temperature/Over-current Protection

Applications
● Microprocessor Power Supplies
● GTL, GTL+, BTL, and SSTL Bus Terminators
● Power Supplies for DSPs
● SCSI Terminator
● Post Regulators
● High Efficiency Linear Regulators
● Battery Chargers
● Other Battery Powered Applications




Similar Part No. - RT9172-15CG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
191Kb / 16P
3A Fixed Output Voltage LDO Regulator
RT9172F-15GG RICHTEK-RT9172F-15GG Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
RT9172F-15GG RICHTEK-RT9172F-15GG Datasheet
191Kb / 16P
3A Fixed Output Voltage LDO Regulator
RT9172F-15GM RICHTEK-RT9172F-15GM Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
More results


Similar Description - RT9172-15CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
3A Fixed Output Voltage LDO Regulator
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
Bipolar 3A LDO Voltage regulator
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
3A LDO VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com