Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1110-300 Datasheet (PDF) - Dallas Semiconductor

DS1110-300 Datasheet PDF - Dallas Semiconductor
Part # DS1110-300
Download  DS1110-300 Download
File Size   110.13 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 10-Tap Silicon Delay Line

DS1110-300 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1110-300 Datasheet PDF - Dallas Semiconductor

Part # DS1110-300
Download  DS1110-300 Click to download

File Size   110.13 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 10-Tap Silicon Delay Line

DS1110-300 Datasheet (HTML) - Dallas Semiconductor


DS1110-300 Product details

General Description
The DS1110 delay line is an improved replacement for the DS1010. It has ten equally spaced taps providing delays from 5ns to 500ns. The devices are offered in a standard 16-pin SO or 14-pin TSSOP. The DS1110 series delay lines provide a nominal accuracy of ±5% or ±2ns, whichever is greater, at 5V and +25°C. The DS1110 reproduces the input logic state at the tap 10 output after a fixed delay as specified by the dash number extension of the part number. The DS1110 is designed to produce both leading- and trailing-edge delays with equal precision. Each tap is capable of driving up to ten 74LS type loads. Dallas Semiconductor can customize standard products to meet special needs.

Features
♦ All-Silicon, 5V, 10-Tap Delay Line
♦ Improved, Drop-In Replacement for the DS1010
♦ 10 Taps Equally Spaced
♦ Delays are Stable and Precise
♦ Leading- and Trailing-Edge Accuracy
♦ Delay Tolerance ±5% or ±2ns, whichever is Greater, at 5V and +25°C
♦ Economical
♦ Auto-Insertable, Low Profile
♦ Low-Power CMOS
♦ TTL/CMOS Compatible
♦ Vapor Phase, IR, and Wave Solderable
♦ Fast-Turn Prototypes
♦ Delays Specified Over Commercial and Industrial Temperature Ranges
♦ Custom Delays Available
♦ Standard 16-Pin SO or 14-Pin TSSOP

Applications
    Communications Equipment
    Medical Devices
    Automated Test Equipment
    PC Peripheral Devices




Similar Part No. - DS1110-300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
10-Tap Silicon Delay Line
Rev 1; 11/03
DS1110E-XXX MAXIM-DS1110E-XXX Datasheet
115Kb / 8P
10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
3V 10-Tap Silicon Delay Line
DS1110LE-100 DALLAS-DS1110LE-100 Datasheet
102Kb / 7P
3V 10-Tap Silicon Delay Line
DS1110LE-125 DALLAS-DS1110LE-125 Datasheet
102Kb / 7P
3V 10-Tap Silicon Delay Line
More results


Similar Description - DS1110-300

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
5-Tap Silicon Delay Line
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
5-Tap Silicon Delay Line
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
3V 10-Tap Silicon Delay Line
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
5-Tap Silicon Delay Line
030194
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
10-Tap Silicon Delay Line
111799
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
10-Tap Silicon Delay Line
Rev 1; 11/03
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com