Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS201-63 Datasheet (PDF) - List of Unclassifed Manufacturers

IS201-63 Datasheet PDF - List of Unclassifed Manufacturers
Part # IS201-63
Download  IS201-63 Download
File Size   50.35 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

IS201-63 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS201-63 Datasheet PDF - List of Unclassifed Manufacturers

Part # IS201-63
Download  IS201-63 Click to download

File Size   50.35 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

IS201-63 Datasheet (HTML) - List of Unclassifed Manufacturers


IS201-63 Product details

[Isocom]

DESCRIPTION
The IS201-63 optically coupled isolator consists of an infrared light emitting diode and a NPN silicon photo transistor in a standard 6 pin dual in line plastic package.

FEATURES
• Options :-
    10mm lead spread - add G after part no.
    Surface mount - add SM after part no.
    Tape&reel - add SMT&R after part no.
• High BVCEO (70V min)
• High Isolation Voltage (3.75kVRMS)
• All electrical parameters 100% tested
• Custom electrical selections available

APPLICATIONS
• DC motor controllers
• Industrial systems controllers
• Measuring instruments
• Signal transmission between systems of different potentials and impedances




Similar Part No. - IS201-63

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS201 ETC-IS201 Datasheet
76Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS201 ISOCOM-IS201 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Similar Description - IS201-63

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N35X ETC1-4N35X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N25X ISOCOM-4N25X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2X ISOCOM-MCT2X Datasheet
63Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX83AG ISOCOM-CNX83AG Datasheet
46Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com