| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
BSP77
|
272Kb / 11P |
Smart Low Side Power Switch
Rev. 1.3, 2008-04-14 |
|
BTS3028SDL
|
1Mb / 22P |
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06 |
|
BTS3046SDR
|
1Mb / 22P |
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06 |
|
BTS3104SDL
|
1Mb / 22P |
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06 |
|
BTS3800SL
|
1Mb / 18P |
Smart Low Side Power Switch
Rev. 1.1, 2011-04-30 |
|
BTT6010-1EKB
|
1Mb / 48P |
Smart High-Side Power Switch Single Channel
Rev. 1.0, 2015-10-01 |
|
BTT6020-1EKA
|
2Mb / 54P |
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04 |
|
BTT6050-1EKA
|
2Mb / 54P |
Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04 |
|
BTS7004-1EPP
|
1Mb / 57P |
PROFET??2 12V Smart High-Side Power Switch
Rev. 1.01.01 2019-04-29 |
|
HITFET-BTS3104SDR
|
1Mb / 22P |
104 mOhm single channel smart low side power switch for 12V & 24V Application
Rev. 1.0, 2009-12-06 |