| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
PTFA212401E
|
495Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05 |
|
PTFA212001E
|
402Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24 |
|
PTFA210701E
|
387Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18 |
|
PTFB211501E
|
362Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19 |
|
PTFA211801E
|
275Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15 |
|
PTFA210601E
|
260Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19 |
|
PTFB211503EL
|
734Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07 |
|
PTFB211803EL
|
477Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10 |
|
PTFB212503EL
|
978Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04 |
 Cree, Inc |
PTFB212503FL
|
553Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
|