Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9454E Datasheet (PDF) - Vishay Siliconix

DG9454E Datasheet PDF - Vishay Siliconix
Part # DG9454E
Download  DG9454E Download
File Size   205.57 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog Switch / Multiplexer

DG9454E Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9454E Datasheet PDF - Vishay Siliconix

Part # DG9454E
Download  DG9454E Click to download

File Size   205.57 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Analog Switch / Multiplexer

DG9454E Datasheet (HTML) - Vishay Siliconix


DG9454E Product details

DESCRIPTION
The DG9454E is a high precision triple SPDT (triple 2:1) analog switch / multiplexer with enhanced performance on low power consumption. The part features low parasitic capacitance, low leakage, and low charge injection over the full signal range which make it an ideal switch for healthcare, data acquisition, and instrument products. Its compact size, light weight, low power consumption, and low voltage control capability are of advantages in portable consumer applications such as goggles.

FEATURES
• Operates with V+ = 3 V to 16 V, VL = 2.5 V to 5.5 V
• Guaranteed 1.8 V logic control at full V+ range
• Low power consumption, both I+ and IL < 1 μA
• Low parasitic capacitance:
    CD(ON): 8.8 pF
    CD(OFF): 4 pF
    CS(OFF): 3.1 pF
• High bandwidth: 356 MHz
• Low charge injection over the full signal range
• Compact miniQFN16 package (1.8 mm x 2.6 mm x 0.55 mm)
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Medical and healthcare systems
• Data acquisition systems
• Meters and instruments
• Games and Goggles
• Automatic test equipment
• Process control and automation
• Communication systems
• Battery powered systems

BENEFITS
• Low power consumption
• Precision switching
• Low voltage logic interface
• Bi-directional rail to rail signal switching
• Compact package option
• Extended operation temperature range




Similar Part No. - DG9454E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9454E VISHAY-DG9454E Datasheet
222Kb / 13P
Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
18-Apr-16
DG9454EEN-T1-GE4 VISHAY-DG9454EEN-T1-GE4 Datasheet
222Kb / 13P
Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
18-Apr-16
DG9454EN-T1-E4 VISHAY-DG9454EN-T1-E4 Datasheet
197Kb / 12P
Compact, Low Power Consumption, Triple SPDT (Triple 2:1 Multiplexers)
07-Mar-11
DG9454E VISHAY-DG9454E_V01 Datasheet
222Kb / 13P
Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
18-Apr-16
More results


Similar Description - DG9454E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
Quad Analog Switch/Quad Multiplexer
logo
Hitachi Semiconductor
HD14016B HITACHI-HD14016B Datasheet
77Kb / 6P
Quadruple Analog Switch/Quadruple Multiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A Datasheet
167Kb / 16P
Quad Analog Switch/ Multiplexer/Demultiplexer
June, 2002 ??Rev. 5
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
logo
SG Micro Corp
SGM4782 SGMICRO-SGM4782_15 Datasheet
337Kb / 11P
Analog Switch/Multiplexer
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
Quad Analog Switch Multiplexer/Demultiplexer
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com