Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3052L Datasheet (PDF) - ZP Semiconductor

DMN3052L Datasheet PDF - ZP Semiconductor
Part # DMN3052L
Download  DMN3052L Download
File Size   158.98 Kbytes
Page   2 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR

DMN3052L Datasheet (PDF)

Go To PDF Page Download Datasheet
DMN3052L Datasheet PDF - ZP Semiconductor

Part # DMN3052L
Download  DMN3052L Click to download

File Size   158.98 Kbytes
Page   2 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR

DMN3052L Datasheet (HTML) - ZP Semiconductor


DMN3052L Product details

Features
• Low On-Resistance:
   RDS(ON) < 32mΩ @ VGS = 10V
   RDS(ON) < 42mΩ @ VGS = 4.5V
   RDS(ON) < 64mΩ @ VGS = 2.5V
• Low Gate Threshold Voltage
• Low Input Capacitance
• Fast Switching Speed
• Low Input/Output Leakage
• Lead Free By Design/RoHS Compliant (Note 2)
• "Green" Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - DMN3052L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3052L DIODES-DMN3052L Datasheet
164Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev 4
DMN3052L-7 DIODES-DMN3052L-7 Datasheet
164Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev 4
DMN3052LSS DIODES-DMN3052LSS Datasheet
175Kb / 5P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31583 Rev. 3 - 2
DMN3052LSS-13 DIODES-DMN3052LSS-13 Datasheet
175Kb / 5P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31583 Rev. 3 - 2
More results


Similar Description - DMN3052L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com