| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NB4L858M
|
98Kb / 10P |
2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9 |
|
NB4N840M
|
104Kb / 9P |
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2 |
|
NB4N840M
|
99Kb / 9P |
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3 |
|
NB7L11M
|
202Kb / 11P |
2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1 |
|
NB7L14M
|
230Kb / 11P |
2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1 |
|
NB7L32M
|
179Kb / 11P |
2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0 |
|
NB7L86M
|
1Mb / 12P |
2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3 |
|
NB7L111M
|
256Kb / 13P |
2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1 |
|
NB7L32M
|
189Kb / 10P |
2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3 |
|
NB4N840MMNEVB
|
107Kb / 9P |
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5 |