Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV48XP Datasheet (PDF) - ZP Semiconductor

PMV48XP Datasheet PDF - ZP Semiconductor
Part # PMV48XP
Download  PMV48XP Download
File Size   381.09 Kbytes
Page   4 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description 20 V, 3.5 A P-channel Trench MOSFET

PMV48XP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMV48XP Datasheet PDF - ZP Semiconductor

Part # PMV48XP
Download  PMV48XP Click to download

File Size   381.09 Kbytes
Page   4 Pages
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor
Description 20 V, 3.5 A P-channel Trench MOSFET

PMV48XP Datasheet (HTML) - ZP Semiconductor




Similar Part No. - PMV48XP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV48XP PHILIPS-PMV48XP Datasheet
153Kb / 15P
20 v, 3.5A P-channel Trench MOSFET
Rev. 1-21 December 2010
logo
VBsemi Electronics Co.,...
PMV48XP VBSEMI-PMV48XP Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMV48XP NEXPERIA-PMV48XP Datasheet
755Kb / 15P
20 V, 3.5 A P-channel Trench MOSFET
Rev. 1 - 21 December 2010
PMV48XPA NEXPERIA-PMV48XPA Datasheet
715Kb / 15P
20 V, P-channel Trench MOSFET
10 March 2014
logo
Shanghai Leiditech Elec...
PMV48XPA LEIDITECH-PMV48XPA Datasheet
1Mb / 5P
-20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
More results


Similar Description - PMV48XP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX2301P PHILIPS-NX2301P Datasheet
370Kb / 16P
20 V, 2 A P-channel Trench MOSFET
Rev. 1-26 October 2010
PMF170XP NXP-PMF170XP Datasheet
246Kb / 15P
20 V, 1 A P-channel Trench MOSFET
29 October 2013
PMV160UP PHILIPS-PMV160UP_15 Datasheet
892Kb / 16P
20 V, 1.2 A P-channel Trench MOSFET
Rev. 2-6 December 2011
PMV32UP PHILIPS-PMV32UP Datasheet
978Kb / 15P
20 V, 4 A P-channel Trench MOSFET
Rev. 1-11 March 2011
PMG85XP PHILIPS-PMG85XP Datasheet
730Kb / 16P
20 V, 2 A P-channel Trench MOSFET
Rev. 1-28 June 2011
logo
ZP Semiconductor
PMV160UP ZPSEMI-PMV160UP Datasheet
484Kb / 4P
20 V, 1.2 A P-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMDPB65UP NEXPERIA-PMDPB65UP Datasheet
326Kb / 16P
20 V, 3.5 A dual P-channel Trench MOSFET
PMF170XP NEXPERIA-PMF170XP Datasheet
264Kb / 14P
20 V, 1 A P-channel Trench MOSFET
3 May 2023
PMG85XP NEXPERIA-PMG85XP Datasheet
1Mb / 16P
20 V, 2 A P-channel Trench MOSFET
Rev. 1 - 28 June 2011
PMV48XP NEXPERIA-PMV48XP Datasheet
755Kb / 15P
20 V, 3.5 A P-channel Trench MOSFET
Rev. 1 - 21 December 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com