Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQY214S Datasheet (PDF) - List of Unclassifed Manufacturers

AQY214S Datasheet PDF - List of Unclassifed Manufacturers
Part # AQY214S
Download  AQY214S Download
File Size   147.37 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH VOLTAGE, PHOTO MOS RELAY

AQY214S Datasheet (PDF)

Go To PDF Page Download Datasheet
AQY214S Datasheet PDF - List of Unclassifed Manufacturers

Part # AQY214S
Download  AQY214S Click to download

File Size   147.37 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH VOLTAGE, PHOTO MOS RELAY

AQY214S Datasheet (HTML) - List of Unclassifed Manufacturers


AQY214S Product details

[GCC]

DESCRIPTION
The AQY214S is a single pole throw (SPST), normally open (NO), Mos Relay. The relay can control AC or DC loads currents up to 130 mA, with a supply voltage up to 400 V. The device is packaged in a 4 pin SO package. This package offers an insulation dielectric withstand of 11500 VACRMS.
The coupler consists of a AIGaAs LED that is optically coupled to a dielectrically isolated photodiode array which drivers two series connected high voltage MOS transistors. The typical ON-Resistance is 20Ω at 25 mA and is linear up to 50mA. The incremental resistance drops to less than 20Ω beyond 50 mA while reducing internal power dissipation at high load currents.




Similar Part No. - AQY214S

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY214S NAIS-AQY214S Datasheet
37Kb / 3P
GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
logo
Panasonic Semiconductor
AQY214S PANASONIC-AQY214S Datasheet
641Kb / 3P
Miniature SOP4-pin type of 60V/350V/400V load voltage
logo
Nais(Matsushita Electri...
AQY214SX NAIS-AQY214SX Datasheet
37Kb / 3P
GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
logo
Panasonic Semiconductor
AQY214SX PANASONIC-AQY214SX Datasheet
641Kb / 3P
Miniature SOP4-pin type of 60V/350V/400V load voltage
logo
Nais(Matsushita Electri...
AQY214SZ NAIS-AQY214SZ Datasheet
37Kb / 3P
GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
More results


Similar Description - AQY214S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQY214S COSMO-KAQY214S Datasheet
181Kb / 2P
High Voltage, Photo Mos Relay
logo
List of Unclassifed Man...
LH1516 ETC-LH1516 Datasheet
162Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
LH1520 ETC-LH1520 Datasheet
162Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
AQV414S ETC-AQV414S Datasheet
157Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
AQY414S ETC-AQY414S Datasheet
151Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
logo
COSMO Electronics Corp...
KAQV414S COSMO-KAQV414S Datasheet
197Kb / 2P
High Voltage, Photo Mos Relay
logo
DB Lectro Inc
KAQV210B DBLECTRO-KAQV210B Datasheet
141Kb / 2P
High Voltage, Photo Mos Relay
KAQV214 DBLECTRO-KAQV214 Datasheet
139Kb / 2P
High Voltage, Photo Mos Relay
logo
List of Unclassifed Man...
LH1529 ETC2-LH1529 Datasheet
146Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
AQW414 ETC2-AQW414 Datasheet
169Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com