| Manufacturer | Part # | Datasheet | Description |
 FCI connector |
10037909-101LF
|
123Kb / 2P |
7.2mm GUIDE MODULE, RIGHT ANGLE
|
 Molex Electronics Ltd. |
0622023080
|
31Kb / 1P |
Right Angle Male (RAM) Module Removal Tool
|
 Tyco Electronics |
2000713-1
|
170Kb / 1P |
MULTIGIG GUIDE MODULE/STANDOFF, RIGHT ANGLE, 20.3mm DAUGHTERCARD,
|
 Molex Electronics Ltd. |
0784532501
|
35Kb / 2P |
Impact 5 Pair, Right Angle Power Header, Integrated Guide Module w/ESD clip
|
|
0784552301
|
35Kb / 2P |
Impact 6 Pair, Right Angle Power Header, Integrated Guide Module w/ESD clip
|
|
0764105107
|
51Kb / 2P |
Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
|
|
0784552301
|
35Kb / 2P |
Impact 6 Pair, Right Angle Power Header, Integrated Guide Module w/ESD clip
|
|
0784532501
|
35Kb / 2P |
Impact 5 Pair, Right Angle Power Header, Integrated Guide Module w/ESD clip
|
 HARTING Technology Grou... |
09-14-000-9918
|
467Kb / 2P |
Guide pin for D-Sub module
2021-10-01 |
 Molex Electronics Ltd. |
0622023080
|
30Kb / 1P |
Right-Angle Male (RAM) Module Removal Tool
02/26/2021 |