Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1469265-1 Datasheet (PDF) - Tyco Electronics

1469265-1 Datasheet PDF - Tyco Electronics
Part # 1469265-1
Download  1469265-1 Download
File Size   108.32 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description UNIVERSAL POWER MODULE RIGHT ANGLE MALE GUIDE PIN, KEYED

1469265-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1469265-1 Datasheet PDF - Tyco Electronics

Part # 1469265-1
Download  1469265-1 Click to download

File Size   108.32 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description UNIVERSAL POWER MODULE RIGHT ANGLE MALE GUIDE PIN, KEYED

1469265-1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 1469265-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1469269-2 MACOM-1469269-2 Datasheet
2Mb / 32P
Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
1469269-4 MACOM-1469269-4 Datasheet
2Mb / 32P
Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
1469269-6 MACOM-1469269-6 Datasheet
2Mb / 32P
Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results


Similar Description - 1469265-1

ManufacturerPart #DatasheetDescription
logo
FCI connector
10037909-101LF FCI-CONNECTOR-10037909-101LF Datasheet
123Kb / 2P
7.2mm GUIDE MODULE, RIGHT ANGLE
logo
Molex Electronics Ltd.
0622023080 MOLEX11-0622023080 Datasheet
31Kb / 1P
Right Angle Male (RAM) Module Removal Tool
logo
Tyco Electronics
2000713-1 MACOM-2000713-1 Datasheet
170Kb / 1P
MULTIGIG GUIDE MODULE/STANDOFF, RIGHT ANGLE, 20.3mm DAUGHTERCARD,
logo
Molex Electronics Ltd.
0784532501 MOLEX11-0784532501 Datasheet
35Kb / 2P
Impact 5 Pair, Right Angle Power Header, Integrated Guide Module w/ESD clip
0784552301 MOLEX11-0784552301 Datasheet
35Kb / 2P
Impact 6 Pair, Right Angle Power Header, Integrated Guide Module w/ESD clip
0764105107 MOLEX11-0764105107 Datasheet
51Kb / 2P
Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
0784552301 MOLEX1-0784552301_17 Datasheet
35Kb / 2P
Impact 6 Pair, Right Angle Power Header, Integrated Guide Module w/ESD clip
0784532501 MOLEX1-0784532501_17 Datasheet
35Kb / 2P
Impact 5 Pair, Right Angle Power Header, Integrated Guide Module w/ESD clip
logo
HARTING Technology Grou...
09-14-000-9918 HARTING-09-14-000-9918 Datasheet
467Kb / 2P
Guide pin for D-Sub module
2021-10-01
logo
Molex Electronics Ltd.
0622023080 MOLEX-0622023080 Datasheet
30Kb / 1P
Right-Angle Male (RAM) Module Removal Tool
02/26/2021
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com