Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1601 Datasheet (PDF) - List of Unclassifed Manufacturers

GM1601 Datasheet PDF - List of Unclassifed Manufacturers
Part # GM1601
Download  GM1601 Download
File Size   176.34 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH-RESOLUTION DISPLAY CONTROLLER

GM1601 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM1601 Datasheet PDF - List of Unclassifed Manufacturers

Part # GM1601
Download  GM1601 Click to download

File Size   176.34 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH-RESOLUTION DISPLAY CONTROLLER

GM1601 Datasheet (HTML) - List of Unclassifed Manufacturers


GM1601 Product details

[GENESIS]



The Genesis Microchip gm1601 display controller is a fully integrated single chip solution for Multi-media LCD monitors and LCD televisions supporting up to WUXGA resolution. It includes industry-leading motion adaptive deinterlacing and low angle directional interpolation for the highest possible quality of TV playback. The integrated Analog Digital Converter, Ultra-Reliable DVI® receivers, and frame rate conversion ensure proven PC graphics compatibility. Integrated picture-in-picture, HDTV input support, and RealColor® video-specific color controls enable HDTV-ready solutions. An embedded microcontroller and a versatile OSD in a single device will facilitate rapid development of a reliable and attractive product.



FEATURES

High-Quality Advanced Scaling

• Fully programmable zoom ratios

• High-quality shrink capability

• Moire cancellation

• Panoramic scaling for video input



Industry Leading Video Deinterlacing

• Motion Adaptive deinterlacing up to 1080i input

• Superior film mode detection and 3:2 & 2:2 inverse pull down

• Motion adaptive noise reduction

• Low angle directional interpolation



Analog RGB Input Port

• Supports up to WUXGA at 60Hz

• Optional support for analog component video input, YPbPr



Ultra-Reliable DVI® Compliant Input Port

• Supports up to WUXGA at 60Hz

• Direct connect to all DVI compliant digital transmitters

• High-bandwidth Digital Content Protection (HDCP)



Video Input Port

• Optional ITBU656 video input

• Optional 24/16-bit YUV input



Picture-in-Picture (PIP)

• Arbitrary window size

• Video PIP over full screen graphics background

• Graphics PIP over full screen video background

• Side-by-side window support

• 4:3 to 16:10 aspect ratio support



Frame Rate Conversion and Interface

• Full frame rate conversion

• 32-bit wide data path to support standard 2Mx32 and 4Mx32 DDR SDRAM



RealColor® Technology

• Digital brightness, contrast, hue and saturation controls

• Separate full color controls allow end-users to experience the same colors as viewed on TVs for video and for graphics on LCD monitors

• Color correction for sRGB compliance

• Adaptive Fleshtone adjustments



On-chip Micro-controller

• 16-bit micro-controller

• Parallel FLASH ROM interface

• In-system programming capable



Advanced on-chip OSD controller

• Use the frame buffer to store Bit mapped OSD

• 1, 2, 4 and 8-bit per pixel

• Horizontal and vertical stretch and flip of OSD menus

• Blinking, transparency and blending Output Format

• Dual-channel TTL and Dual LVDS transmitters for direct connection to LCD modules



Simplicity of Design

• Complete stand-alone system-on-chip design for LCD monitors and rear projection displays



APPLICATIONS

• Multi-media LCD monitors and televisions up to WUXGA




Similar Part No. - GM1601

ManufacturerPart #DatasheetDescription
logo
TT MOTOR (HK) INDUSTRIA...
GM16-030PA TTMOTOR-GM16-030PA Datasheet
1Mb / 1P
16mm gearbox plus 030 permanent magnet DC motor
GM16-050SH TTMOTOR-GM16-050SH Datasheet
1Mb / 1P
16mm gearbox plus 050 permanent magnet DC motor
logo
GTM CORPORATION
GM161 GTM-GM161 Datasheet
388Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM1616A GTM-GM1616A Datasheet
262Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GM1616A ETL-GM1616A Datasheet
264Kb / 3P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
More results


Similar Description - GM1601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGX-1920L ETC2-SGX-1920L Datasheet
1Mb / 3P
High Resolution LCD Controller Board
9150 ETC2-9150 Datasheet
1Mb / 2P
Excellent display resolution
logo
ON Semiconductor
NCP81231 ONSEMI-NCP81231 Datasheet
195Kb / 21P
High Resolution Buck Controller
December, 2017 ??Rev. 1
logo
Texas Instruments
DLPC7540 TI1-DLPC7540 Datasheet
114Kb / 8P
DLPC7541 High Resolution Controller
DLPC7540 TI1-DLPC7540_V01 Datasheet
117Kb / 8P
DLPC7541 High Resolution Controller
DLPC6540 TI1-DLPC6540 Datasheet
153Kb / 8P
DLPC6540 High Resolution Controller
DLPC7541 TI-DLPC7541 Datasheet
154Kb / 8P
DLPC7541 High Resolution Controller
logo
Digital View Ltd
HX-1920V3 DIGITALVIEW-HX-1920V3 Datasheet
921Kb / 2P
High-Resolution Controller
August 2014 v1.2
SVX-1920-V3 DIGITALVIEW-SVX-1920-V3 Datasheet
769Kb / 2P
High-Resolution Controller
November 2014 v1.2
SVX-2560 DIGITALVIEW-SVX-2560 Datasheet
849Kb / 2P
2.5K High-Resolution Controller
April 2015 v2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com