Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM912 Datasheet (PDF) - Synaptics Incorporated.

RM912 Datasheet PDF - Synaptics Incorporated.
Part # RM912
Download  RM912 Download
File Size   457.13 Kbytes
Page   20 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)

RM912 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM912 Datasheet PDF - Synaptics Incorporated.

Part # RM912
Download  RM912 Click to download

File Size   457.13 Kbytes
Page   20 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)

RM912 Datasheet (HTML) - Synaptics Incorporated.


RM912 Product details

The RM912 dual mode Code Division Multiple Access (CDMA)/Advanced Mobile Phone Service (AMPS) Power Amplifier is a fully matched 6-pin LCC surface mount module designed for mobile units operating in the 824-849 MHz cellular bandwidth. This device meets stringent IS95 CDMA linearity requirements to beyond 28 dBm output power and can be driven to power output levels beyond 31 dBm for high efficiency FM mode operation. A single GaAs Microwave Monolithic Intergrated Circuit (MMIC) contains all active circuitry in the module.



Distinguishing Features

• Low voltage positive bias supply

• Good linearity

• High efficiency

• Dual mode operation

• Large dynamic range

• 6-pin LCC package (6 x 6 x 1.5 mm)

• Power down control



Applications

• Digital cellular (CDMA)

• Analog cellular (AMPS)

• Wireless local loop



 




Similar Part No. - RM912

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
Power Amplifier Module for AMPS Applications (824-849 MHz)
More results


Similar Description - RM912

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
Power Amplifier Module for AMPS Applications (824-849 MHz)
SKY77154 SKYWORKS-SKY77154 Datasheet
182Kb / 12P
System Smart PA Module for CDMA / AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com